Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4658 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 5Page - STMicroelectronics AN4658 Datasheet HTML 6Page - STMicroelectronics AN4658 Datasheet HTML 7Page - STMicroelectronics AN4658 Datasheet HTML 8Page - STMicroelectronics AN4658 Datasheet HTML 9Page - STMicroelectronics AN4658 Datasheet HTML 10Page - STMicroelectronics AN4658 Datasheet HTML 11Page - STMicroelectronics AN4658 Datasheet HTML 12Page - STMicroelectronics AN4658 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID027496 Rev 1
9/24
AN4658
Peripheral migration guide
23
The Cube Hardware Abstraction Layer (HAL) is compatible between the STM32F429/F439
and STM32F446 lines.
2.2
Memory mapping
Address mapping has been slightly changed in the STM32F446xx vs. STM32F429xx/439xx,
the differences are shown in Table 4, where a gray cell indicates that the feature is not
available (NA).
ADC (12 bits)
Count
3
3
-
-
Number of
channels
16 / 24
16 / 24
-
-
DAC (12 bits)
Count
1
1
-
-
Number of
channels
22
-
-
RCC
Yes
Yes
-
More flexibility,
with additional
clock sources to
AHB, USB and
audio peripherals.
Dedicated input
clock divider input
for PLL.
New LSE mode.
Table 3. Peripheral compatibility analysis (continued)
Peripherals
STM32F429xx/439xx STM32F446xx
Compatibility
SW
Comments
Table 4. Peripheral bus mapping comparison
Peripheral
Bus
STM32F429xx/439xx
Base address
STM32F446xx
Base address
QuadSPI Register
AHB3
NA
0xA000 1000
RNG
AHB2
0x5006 0800
NA
HASH
0x5006 0400
NA
CRYP
0x5006 0000
NA
DMA2D
AHB1
0x4002 B000
NA
ETHERNET MAC
0x40029000
NA
CPIOK
0x4002 2800
NA
GPIOJ
0x4002 2400
NA
GPIOI
0x4002 2000
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com