Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4658 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 12Page - STMicroelectronics AN4658 Datasheet HTML 13Page - STMicroelectronics AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics AN4658 Datasheet HTML 17Page - STMicroelectronics AN4658 Datasheet HTML 18Page - STMicroelectronics AN4658 Datasheet HTML 19Page - STMicroelectronics AN4658 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Peripheral migration guide
AN4658
16/24
DocID027496 Rev 1
The added bits in PWR_CR and PWR_CSR registers are shown in Table 11 and Table 12,
respectively: the new features are highlighted in red, while blue indicates same feature with
specification change or enhancement. Reserved bits are in light gray.
Table 11. PWR_CR register for STM32F446xx products
Table 12. PWR_CSR register for STM32F446xx products
2.9
U(S)ART
The STM32F446 includes the Same USART interface used in the STM32F429/439, as
indicated in Table 13.
2.10
I2C
The STM32F446xx implements exactly the same features on the I2C interface (I2C1, I2C2
and I2C3) as the STM32F429xx/439xx.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
FISSR FMSSR
UDEN[1:0]
ODSWEN ODEN
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VOS[1:0]
ADCDC1
Res.
MRUDS LPUDS
FPDS
DBP
PLS[2:0]
PVDE
CSBF
CWUF
PDDS
LPDS
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
Res.
UDRDY[1:0]
ODSWRDY ODRDY
15
14
13
12
11
10
9
8
7
654
3
2
1
0
Res.
VOSRDY
Res.
Res.
Res.
Res.
BRE
EWUP1 EWUP2
Res.
Res.
Res.
BRR
PVDO
SBF
WUF
Table 13. USART comparison
U(S)ART
STM32F429xx/439xx
STM32F446xx
UART/USART
4 / 4
4 / 2
Baudrate
up to 4x11.25 Mbit/s
Clock
Single clock domain
Data
Word length: programmable (8 or 9 bits)
Interrupt
10 interrupt sources with flags
Features
LIN mode
SPI Master
IrDA SIR ENDEC block
Hardware flow control (CTS/RTS)
Continuous communication using DMA
Multiprocessor communication
Single-wire half-duplex communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com