Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4658 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 13Page - STMicroelectronics AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics AN4658 Datasheet HTML 17Page - STMicroelectronics AN4658 Datasheet HTML 18Page - STMicroelectronics AN4658 Datasheet HTML 19Page - STMicroelectronics AN4658 Datasheet HTML 20Page - STMicroelectronics AN4658 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID027496 Rev 1
17/24
AN4658
Peripheral migration guide
23
2.11
Audio interfaces
The STM32F429/439 and STM32F446 lines implement the same features on the SPI, apart
from I2S. This is clear from Table 14, where a gray cell indicates that the feature is not
available. The added bit in SPI_I2SCFGR register is shown in Table 15, where the new
feature is highlighted in red, and reserved bits are in light gray.
– I²S Full duplex
– SPI TI mode support
– SPI Motorola support
– 3 I²S Half duplex
– SPI TI mode support
– SPI Motorola support
– Enhanced clock source for I2S on
APB1 and APB2
Table 15. SPI_I2SCFGR register for STM32F446xx products
2.12
CRC
The STM32F446xx implements CRC (Cyclic redundancy check) unit calculation similarly to
STM32F429xx/439xx, the main features are listed in Table 16.
Table 14. Audio interfaces comparison
Audio
interfaces
Description
STM32F429xx/439xx
STM32F446xx
SPI/I2S
Instances
x6 | x2 (SPI/I2S)
x4 | x3 (SPI/I2S)
Features
Modifications
NA
Added bit SPI_I2SCFGR(1) [ASTREN]:
allows to configure the I2S peripheral in
asynchronous start mode.
1. See Table 15
SAIs
Instances
x1 (SAI)
x2 (SAI)
Features
Clock source for each
SAI sub-block to target
independent audio
frequency sampling
Internal synchronization between the
two SAIs.
Clock source for each SAI block to target
independent audio frequency sampling.
SPDIFRx
Instances
NA
x1 (SPIDIFRx)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Res.
Res.
Res.
ASTREN I2SMOD
I2SE
I2SCFG
PCMSYNC
Res.
I2SSTD
CKPOL
DATLEN
CHLEN
Table 16. CRC features for STM32F429xx/439xx and STM32F446xx
CRC
STM32F429xx/439xx and STM32F446xx
Features
Single input/output 32-bit data register
CRC computation done in 4 AHB clock cycles (HCLK) for the 32-bit data size
General-purpose 8-bit register (can be used for temporary storage)
Uses CRC-32 (Ethernet) polynomial: 0x4C11DB7
Handles 32-bit data size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com