Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4658 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 9Page - STMicroelectronics AN4658 Datasheet HTML 10Page - STMicroelectronics AN4658 Datasheet HTML 11Page - STMicroelectronics AN4658 Datasheet HTML 12Page - STMicroelectronics AN4658 Datasheet HTML 13Page - STMicroelectronics AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics AN4658 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID027496 Rev 1
13/24
AN4658
Peripheral migration guide
23
2.6
RCC
The main differences related to Reset and Clock Controller in the STM32F446 line vs. the
STM32F429/439 lines are presented in Table 8, where a gray cell indicates that the feature
is not available.
95
NA
FMP2C1
96
NA
FMPI2C1 error
Table 7. Interrupt vector comparison (continued)
Position
STM32F429xx/439xx
STM32F446xx
Table 8. Reset and Clock Controller comparison
RCC
STM32F429xx/439xx
STM32F446xx
AHB
180 MHz
180 MHz
APB2
84 MHz
84 MHz
APB1
42 MHz
42 MHz
PLL
– One clock input divider for
all PLLs (M factor)
– New dedicated clock input
divider for each PLL
– One input clock divider per
PLL that needs to be
configured before enabling
the PLL
System clock (SYSCLK)
HSI/HSE
HSI/HSE
PLL_P
PLL_P
PLL_R
LSE modes
– One LSE mode is
available: low power.
– New LSE modes are available
in STM32446: low power and
high drive.
– User can select the LSE mode
by configuring
RCC_BDCR[LSEMOD] bit
Peripherals clock sources
USB OTG FS / SDIO
(PLL48CLK)
48 MHz from main PLL
(PLLQ clock output)
48 MHz from main PLL
(PLLQ clock output)
-
48 MHz from PLLSAI
(PLLSAIP clock output)
SDIO
PLL48CLK
PLL48CLK
System clock (SYSCLK)
FMPI2C
NA
System clock (SYSCLK)
HSI clock
APB1 clock (PCLK1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com