Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4658 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 10Page - STMicroelectronics AN4658 Datasheet HTML 11Page - STMicroelectronics AN4658 Datasheet HTML 12Page - STMicroelectronics AN4658 Datasheet HTML 13Page - STMicroelectronics AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics AN4658 Datasheet HTML 17Page - STMicroelectronics AN4658 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Peripheral migration guide
AN4658
14/24
DocID027496 Rev 1
2.7
RTC
The STM32F446 and STM32F429/439 lines implement the same features on the RTC, as
shown in Table 9.
I2S
Clock source for I2S on APB1
PLLI2SCLK
PLLI2SCLK
I2S_CKIN
I2S_CKIN
HSE/HSI
Main PLL (PLLR output clock)
Clock source for I2S on APB2
PLLI2SCLK
PLLI2SCLK
I2S_CKIN
NA
HSE/HSI
Main PLL (PLLR output clock)
SAI1
PLLI2SQ(1)
PLLI2SQ(2)
PLLSAIQ(1)
PLLSAIQ(2)
I2S_CKIN(1)
I2S_CKIN(2)
NA
Main PLL (PLLR output clock)(2)
SAI2
NA
PLLI2SQ(2)
PLLSAIQ(2)
I2S_CKIN(2)
Main PLL (PLLR output clock)(2)
SPDIF-RX
NA
Main PLL (PLLR output clock)
HDMI-CEC
NA
LSE clock
HSI clock divided by 488
1. Configurable clock per SAI sub-block.
2. Configurable clock per SAI block.
Table 8. Reset and Clock Controller comparison (continued)
RCC
STM32F429xx/439xx
STM32F446xx
Table 9. RTC comparison
RTC
STM32F429xx/439xx
STM32F446xx
Calendar in BCD
Yes
Yes
Calendar Sub seconds access
Yes
Yes
Calendar synchronization on the fly
Yes
Yes
Alarm on calendar
2 with subseconds
Calendar Calibration
Calibration window: 8s / 16s / 32s
Calibration step: 3.81ppm / 1.91ppm / 0.95 ppm
Range [-480ppm +480ppm]
Synchronization on mains
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com