Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4658 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics AN4658 Datasheet HTML 17Page - STMicroelectronics AN4658 Datasheet HTML 18Page - STMicroelectronics AN4658 Datasheet HTML 19Page - STMicroelectronics AN4658 Datasheet HTML 20Page - STMicroelectronics AN4658 Datasheet HTML 21Page - STMicroelectronics AN4658 Datasheet HTML 22Page - STMicroelectronics AN4658 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID027496 Rev 1
19/24
AN4658
Peripheral migration guide
23
2.14
Digital camera interface (DCMI)
The STM32F429xx/439xx and STM32F446xx products have similar DCMI peripherals, as
can be seen in Table 18, where a gray cell indicates that the feature is not available.
– DCMI_CR [BSM] and DCMI_CR
[OEBS]: allows configuring the byte
selection for capture
– DCMI_CR [LSM] and DCMI_CR
[OELS]: allows configuring the line
selection for capture
The added bits in DCMI registers are shown in Table 19, the new features are highlighted in
red, and reserved bits are in light gray.
Table 19. DCMI_CR register for STM32F446xx products
Table 18. DCMI comparison
DCMI
STM32F429xx/439xx
STM32F446xx
Parallel interface
8-, 10-, 12- and 14-bits
Embedded synchronization
Yes
Yes
External line and frame
synchronization
Yes
Yes
Crop feature
Yes
Yes
Supported data formats
8/10, 12, 14 bits progressive video (monochrome or raw bayer)
RGB565 progressive video
YCbCr4:2:2
8/10, 12, 14 bits progressive video (monochrome or raw bayer)
NA
YCbCr – Y only (Black and White)
NA
Half resolution image extraction
Compressed JPEG
DCMI control register(1)
NA
Added bits:
1. See Table 19
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OELS
LSM
OEBS
BSM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ENABLE
EDM
FCRC
VSPOL HSPOL PCKPOL
ESS
JPEG
CROP
CM
CAPTURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com