Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4683 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 7Page - STMicroelectronics AN4683 Datasheet HTML 8Page - STMicroelectronics AN4683 Datasheet HTML 9Page - STMicroelectronics AN4683 Datasheet HTML 10Page - STMicroelectronics AN4683 Datasheet HTML 11Page - STMicroelectronics AN4683 Datasheet HTML 12Page - STMicroelectronics AN4683 Datasheet HTML 13Page - STMicroelectronics AN4683 Datasheet HTML 14Page - STMicroelectronics AN4683 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DocID027745 Rev 1
11/31
AN4683
SPWF01Sxxx use modes
31
2
SPWF01Sxxx use modes
The demonstrator allows secure TCP/IP connection to be created between the Wi-Fi
module SPWF01Sxxx (see [1] in References) and a remote server exposing secured
service. The SPWF01Sxxx module includes a lightweight SSL/TLS stack and a
cryptographic library targeted for embedded applications. The following sections illustrate
the main security features supported.
2.1
TLS protocol
The SPWF01Sxxx module integrates a lightweight SSL/TLS stack and a cryptographic
library. To meet device memory constraints, the demonstrator enables just a subset of
cryptographic algorithms with respect to Table 1. The SPWF01Sxxx implements a SSL/TLS
client with the features listed below:
–
SSLv3.0 and TLSv1.0, 1.1 and 1.2, with automatic downgrade of protocol version
–
Server and client authentication
–
Multiple hashing functions: MD5, SHA-1, SHA-256
–
Block, stream, and authenticated ciphers: AES (128 and 256, CBC), 3DES, ARC4
–
Public key algorithms: RSA (1024, 2048), ECDSA
–
Key exchange: ECDH, ECDHE
–
ECC support: EC curves over 192, 224, 384, 256, 521 bit prime field
–
X.509 certificate support, PEM format
2.2
Supported ciphers list
Table 2. Demonstrator cipher suites
Cipher suites
2 byte codes
(hex format)
Version
TLS_ECDHE_RSA_WITH_AES_128_CBC_SHA256
0xC0,0x27
TLS1.2
TLS_ECDHE_ECDSA_WITH_AES_128_CBC_SHA256
0xC0,0x23
TLS1.2
TLS_ECDH_RSA_WITH_AES_128_CBC_SHA256
0xC0,0x29
TLS1.2
TLS_ECDH_ECDSA_WITH_AES_128_CBC_SHA256
0xC0,0x25
TLS1.2
TLS_ECDHE_ECDSA_WITH_AES_256_CBC_SHA
0xC0,0x0A
TLS1.0/1.1/1.2
TLS_ECDH_ECDSA_WITH_AES_256_CBC_SHA
0xC0,0x05
TLS1.0/1.1/1.2
TLS_ECDHE_ECDSA_WITH_AES_128_CBC_SHA
0xC0,0x09
TLS1.0/1.1/1.2
TLS_ECDH_ECDSA_WITH_AES_128_CBC_SHA
0xC0,0x04
TLS1.0/1.1/1.2
TLS_ECDHE_ECDSA_WITH_RC4_128_SHA
0xC0,0x07
TLS1.0/1.1/1.2
TLS_ECDH_ECDSA_WITH_RC4_128_SHA
0xC0,0x02
TLS1.0/1.1/1.2
TLS_ECDHE_ECDSA_WITH_3DES_EDE_CBC_SHA
0xC0,0x08
TLS1.0/1.1/1.2
TLS_ECDH_ECDSA_WITH_3DES_EDE_CBC_SHA
0xC0,0x03
TLS1.0/1.1/1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com