Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4683 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 15Page - STMicroelectronics AN4683 Datasheet HTML 16Page - STMicroelectronics AN4683 Datasheet HTML 17Page - STMicroelectronics AN4683 Datasheet HTML 18Page - STMicroelectronics AN4683 Datasheet HTML 19Page - STMicroelectronics AN4683 Datasheet HTML 20Page - STMicroelectronics AN4683 Datasheet HTML 21Page - STMicroelectronics AN4683 Datasheet HTML 22Page - STMicroelectronics AN4683 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
DocID027745 Rev 1
19/31
AN4683
Demonstration package
31
Note:
The accept parameter specifies the TCP port to listen for connections. If not specified, the
default 4433 is used.
To start the client, it is recommended to run AT+S.TLSCERT2=clean,all to clean the Flash
memory, and then use these AT commands:
AT+S.SETTIME=<seconds>
AT+S.TLSCERT=f_ca,<size><CR><data>
AT+S.TLSCERT=f_cert,<size><CR><data>
AT+S.TLSCERT=f_key,<size><CR><data>
AT+S.TLSDOMAIN=f_domain,<server domain>
AT+S.SOCKON=<hostname>,<port>,s[,ind]
Note:
Seconds is the current time expressed in seconds since 1970-01-01: AT+S.SETTIME can
be done only once after module reset.
AT+S.TLSCERT=<f_ca/f_cert/f_key>,<size><CR><data> stores certificates or key files (in
PEM format) to Flash memory of the module. The first input parameter is used to indicate
when a root CA certificate (f_ca), a client certificate (f_cert) or key file (f_key) is passed to
the module. This command accepts data after the <CR> at the end of the command line.
The host is expected to supply <size> of data as last parameter of the command line. The
size values must be expressed in bytes.
AT+S.TLSDOMAIN=f_domain,<server domain> passes the server domain to the module
and stores the domain information to Flash memory. The server domain is a string of
characters that must match the name specified in the server certificate (Common Name or
others).
When using AT+S.TLSCERT and AT+S.TLSDOMAIN with f_ca, f_cert, f_key and f_domain,
the file information is stored to Flash memory: since Flash memory is non-volatile, any file
stored in Flash memory will remain intact even when switching off or resetting the module.
Thus, to remove file information from Flash you can use the command
AT+S.TLSCERT2=clean,<f_ca|f_cert|f_key|f_domain> to selectively remove a specific file,
or AT+S.TLSCERT2=clean,all to remove all files information from Flash ones.
Note that loading files to Flash memory is always preferred! Alternatively, you may use
AT+S.TLSCERT=<ca/cert/key>,<size><CR><data> and
AT+S.TLSDOMAIN=domain,<server domain> to load files to RAM, but note that (a) RAM is
volatile and in this case the loaded file information is lost after switch off or module reset; (b)
files stored in RAM have higher priority than Flash ones; (c) files upload to RAM is
deprecated in favor of Flash.
AT+S.SOCKON=<hostname>,<port>,s[,ind] opens a secure socket to server hostname on
port. The hostname is the IP address of the server, the port must correspond to the one
specified in OpenSSL server options, and the s parameter specifies a request for secure
socket. The parameter ind is optional and provides the indication (WIND:55, see below) that
some data has been received: if enabled, it is strongly suggested to immediately empty the
buffer when a pending data is received (see SOCKQ and SOCKR commands below).
When the TLS handshake is successful, the AT+S.SOCKON gives back the sock id: only
then is it possible to write data to and read from the secure socket using AT+S.SOCKW,
AT+S.SOCKQ and AT+S.SOCKR.
If the parameter ind was enabled in SOCKON, asynchronous indications of pending data
from the secure socket may arrive at any time and have the format:
<CR><LF>+WIND:55:Pending Data:<sock id>:ENC<CR><LF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com