Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4683 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4683 Datasheet HTML 1Page - STMicroelectronics AN4683 Datasheet HTML 2Page - STMicroelectronics AN4683 Datasheet HTML 3Page - STMicroelectronics AN4683 Datasheet HTML 4Page - STMicroelectronics AN4683 Datasheet HTML 5Page - STMicroelectronics AN4683 Datasheet HTML 6Page - STMicroelectronics AN4683 Datasheet HTML 7Page - STMicroelectronics AN4683 Datasheet HTML 8Page - STMicroelectronics AN4683 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SSL/TLS protocol overview
AN4683
4/31
DocID027745 Rev 1
1
SSL/TLS protocol overview
Originally developed by Netscape in the mid 1990s, the secure sockets layer (SSL) is a
cryptographic protocol designed to provide communication security over the Internet (see
[3] in References). Version 1.0 never publicly released, while version 2.0 was released in
February of 1995 but “contained a number of security flaws which ultimately led to the
design of SSL version 3.0” (see [4] in References). SSLv3.0 was a complete redesign of the
protocol and is still widely supported (since 1996).
The IETF standards body adopted SSLv3.0 with minor tweaks and published it as TLS
version 1.0 (RFC 2246, 1999). The two versions are very similar, but interoperability is
precluded. TLSv1.2 (RFC 5246, 2008) is the latest and recommended version, which is
superior because it offers flexibility and key features that were unavailable in earlier protocol
versions.
All TLS versions were further refined (RFC 6176, 2011) removing their backward
compatibility with SSL such that TLS sessions will never negotiate the use of SSLv2.0.
As shown in Figure 1, SSL/TLS is typically applied in TCP/IP protocol stacks and provides
security services on top of the transport layer. The protocol is composed of two layers: the
TLS record layer and the TLS handshake layer.
At the lowest level, layered on top of a reliable transport protocol is the TLS record protocol.
The record protocol is used for encapsulation of various higher-level protocols and provides
two basic properties:
•
Confidentiality
•
Integrity
Figure 1. SSL/TLS protocol architecture
The TLS Handshake layer consists of three sub-protocols: Handshake, Change cipher
spec, and Alert.
The Handshake protocol is the most complex part of TLS and provides a number of very
important security functions. It allows the server and client to authenticate each other and to
negotiate an encryption algorithm and cryptographic keys before the application protocol
transmits or receives its first byte of data. The TLS handshake protocol provides connection
security that has three basic properties:
•
Cipher suite negotiation
•
Authentication of the server and, optionally, of the client
•
Session key information exchange
An outline of the sub-protocols is provided in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com