Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4683 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 13Page - STMicroelectronics AN4683 Datasheet HTML 14Page - STMicroelectronics AN4683 Datasheet HTML 15Page - STMicroelectronics AN4683 Datasheet HTML 16Page - STMicroelectronics AN4683 Datasheet HTML 17Page - STMicroelectronics AN4683 Datasheet HTML 18Page - STMicroelectronics AN4683 Datasheet HTML 19Page - STMicroelectronics AN4683 Datasheet HTML 20Page - STMicroelectronics AN4683 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID027745 Rev 1
17/31
AN4683
Demonstration package
31
3
Demonstration package
The functions of the demonstration package are summarized in Table 3.
3.1
Package directories
The demonstration package is contained in the project folder and is organized as described
below:
•
Project/firmware: this folder contains the firmware binary
Table 3. Demonstration package functions
SSL/TLS Client
Available versions: SSLv3.0 and TLSv1.0, 1.1 and 1.2. Automatic
downgrade of protocol version.
Cipher suites
Table 2
– Public key algorithms
RSA (1024, 2048), ECDSA
– Key-exchange/agreement
ECDH, ECDHE
– Symmetric ciphers for
encryption
AES (128 and 256, CBC), 3DES, ARC4
– Hash
MD5, SHA-1, SHA-256
– ECC support
EC curves over 192, 224, 384, 256, 521 bit prime field
Certificates
X.509 certificate support, PEM format.
Configurations
Anonymous
For module configuration, see Section 2.4.1 and Figure 5.
One-way authentication
For module configuration, see Section 2.4.2 and Figure 6. In
particular notice that:
– Module reference time must be initialized
– Root CA certificate and domain name of the server must be
loaded.
– Authentication ciphers: ECDSA with all EC curves, RSA-1024
and RSA-2048.
– Maximum allowed size for files uploaded to module is
approximately 1.3KB.
Mutual authentication
For module configuration, see Section 2.4.3 and Figure 7. In
particular:
– Module reference time must be initialized
– Root CA certificate and domain name of the server, client
certificate and client key files must be loaded.
– Authentication ciphers: ECDSA with all EC curves.
– Maximum allowed size for files uploaded to module is
approximately 3KB overall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com