Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4683 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 18Page - STMicroelectronics AN4683 Datasheet HTML 19Page - STMicroelectronics AN4683 Datasheet HTML 20Page - STMicroelectronics AN4683 Datasheet HTML 21Page - STMicroelectronics AN4683 Datasheet HTML 22Page - STMicroelectronics AN4683 Datasheet HTML 23Page - STMicroelectronics AN4683 Datasheet HTML 24Page - STMicroelectronics AN4683 Datasheet HTML 25Page - STMicroelectronics AN4683 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Demonstration package
AN4683
22/31
DocID027745 Rev 1
3.5
Example 3: Gmail SMTP server access with anonymous
negotiation
To protect SMTP communications, server can use SSL/TLS encryption to provide
authentication and information encryption. To enable the SMTP client to verify the SMTP
server certificate, the issuing CA certificates should be made available to the client. In this
case the CA certificate is not provided and the client is not expected to verify server
certificate. Even the SMTP client is not providing its certificate, so the negotiation is
anonymous.
For the purpose of the example, the Gmail SMTP server is used. Since it requires SMTP
authorization, a Gmail account is needed for <username> (the full Gmail address, e.g.
example@gmail.com) and <password> options.
To access SMTP server, it is recommended to run AT+S.TLSCERT2=clean,all to clean the
Flash memory and then open a secure connection on port 465:
AT+S.SOCKON=smtp.gmail.com,465,s
In this example, the parameter ind is omitted: if enabled, this option requires to read the
socket when a pending indication message is received.
When the TLS handshake is successful, the AT+S.SOCKON gives back the sock id: only
then is it possible to use the AT+S.SOCKW to make the login on Gmail server by sending
first “EHLO” command and then “AUTH PLAIN” with your credentials using the base64
encoded username/password.
3.6
Example 4: Xively example with anonymous negotiation
Xively is a cloud platform for developing and managing commercial services on the Internet
of Things. Xively ensures protected communication channels by using SSL/TLS
authentication and encryption. In this example the CA certificate is not provided and the
client is not expected to verify the server certificate. The client is not providing its certificate,
so the negotiation is anonymous.
To access Xively server, it is recommended to run AT+S.TLSCERT2=clean,all to clean the
Flash memory and then open a secure connection on port 8091:
AT+S.SOCKON=api.xively.com,8091,s
In this example the parameter ind is omitted: if enabled, this option requires to read the
socket when a pending indication message is received.
3.7
Example 5: connect to HTTPS my.st.com
This example shows how to use the Wi-Fi module as a TLS client to connect to a secure
HTTPS server and to send/receive HTTP requests/replies.
The HTTPS server we want to connect to is https://my.st.com.
In this example we are not verifying the server’s certificate (anonymous negotiation), so we
are not uploading any certificate to the module. In case you need to authenticate the server,
you have to configure the module as in example 2 (properly set the appropriate CA
certificate, domain name and time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com