Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4683 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 14Page - STMicroelectronics AN4683 Datasheet HTML 15Page - STMicroelectronics AN4683 Datasheet HTML 16Page - STMicroelectronics AN4683 Datasheet HTML 17Page - STMicroelectronics AN4683 Datasheet HTML 18Page - STMicroelectronics AN4683 Datasheet HTML 19Page - STMicroelectronics AN4683 Datasheet HTML 20Page - STMicroelectronics AN4683 Datasheet HTML 21Page - STMicroelectronics AN4683 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Demonstration package
AN4683
18/31
DocID027745 Rev 1
Project/examples: contained here are the certificates and configuration files for test
examples.
The examples folder contains four test examples for creating a TLS secure connection
between the SPWF01Sxxx module (client) and a remote server:
•
Example 1: TLS Client with Mutual authentication. The client, server and CA use ECC
authentication (Section 3.3).
•
Example 2: TLS Client with one-way authentication. The server and CA use RSA-2048
authentication (Section 3.2)
•
Example 3: Gmail SMTP server access with Anonymous negotiation (Section 3.5).
•
Example 4: Xively example with Anonymous negotiation (Section 3.6)
3.2
Wi-Fi module setup
This section describes the essential steps for setting up the SPWF01Sxxx module to enable
the TLS features. A complete list of AT commands, including a detailed description of the
use of the commands, are contained in (see [2] in References).
To couple the SPWF01Sxxx module with a Wi-Fi access point (SSID, WPA-PSK
passphrase) providing a connection to the Local Area Network (LAN) and to the Internet,
these are the necessary AT commands:
AT+S.SCFG=wifi_mode,0
AT+S.SCFG=wifi_priv_mode,2
AT+S.SSIDTXT=<SSID>
AT+S.SCFG=wifi_wpa_psk_text,<WPA PSK passphrase>
AT+S.SCFG=wifi_mode,1
AT&W
AT+CFUN=1
Once the module is connected to the access point, it is ready to open a secure socket.
Notice that, due to memory limitations, the SPWF01Sxxx module allows the opening of one
single secure socket at a time; i.e. if you want to open a new secure socket, you must first
close any open one.
3.3
Example 1: TLS Client with mutual authentication
This first example implements a TLS connection supporting mutual authentication. The
client, server and CA use EC cipher.
Before running this example, the SPWF01Sxxx (client) must be connected to the Wi-Fi LAN
as illustrated in Section 3.2 and OpenSSL must be installed on the PC (acting as server).
For testing purposes, OpenSSL-1.0.1i has been used as TLS Server. Documentation and
installation instructions are available on the OpenSSL website (see [12] in References).
The IP addresses of the client and server are automatically assigned by the network router.
To start the server, open a command prompt in the folder Project/Examples/Example1 and
run this line:
openssl s_server -cert server_cert.pem -key server_key.pem -CAfile
root_ca_of_client.pem -Verify 2 -verify_return_error -accept <port>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com