Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001C Datasheet(PDF) 8 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 8 Page - NEC

Back Button UPD72001C Datasheet HTML 4Page - NEC UPD72001C Datasheet HTML 5Page - NEC UPD72001C Datasheet HTML 6Page - NEC UPD72001C Datasheet HTML 7Page - NEC UPD72001C Datasheet HTML 8Page - NEC UPD72001C Datasheet HTML 9Page - NEC UPD72001C Datasheet HTML 10Page - NEC UPD72001C Datasheet HTML 11Page - NEC UPD72001C Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
µPD72001-11, 72001-A8
8
Table 1-1. Pin Status at Reset
Pin Name
I/O
Pin Status
RESET (system reset)
Channel reset
WR
I
–
–
RD
I
–
–
B/A
I
–
–
C/D
I
–
–
D7 to D0
I/O
–
–
INT
O
High impedance
High impedance
INTAK
I
–
–
PRI
I
–
–
PRO
O
Depends on PRI
Depends on PRI
DRQTXA
O
“L”
“L”
DRQRXA
O
“L”
“L”
DTRA/DRQTXB,
O
DTR function, “H”
Retains current status
DTRB/DRQRXB
TXDA, TXDB
O
“H”
“H”
RXDA, RXDB
I
–
–
TRXCA, TRXCB
I/O
Input status
Retains current status
XI1A/STRXCA
I
–
–
XI1B/STRXCB
XI2A/SYNCA
I/O
Input status
Retains current status
XI2B/SYNCB
RTSA, RTSB
O
“H”
“H”
CTSA, CTSB
I
–
–
DCDA, DCDB
I
–
–
– : Undefined
(4) CLK (System Clock) ... Input
This pin inputs the system clock. The input frequency must be five times that of the data transfer rate or higher.
(5) WR (Write) ... Input
This pin inputs a write control signal for control words and transmit data. This pin is active-low.
(6) RD (Read) ... Input
This pin inputs a read control signal for status and receive data. This pin is active-low.
(7) B/A (Channel B/Channel A) ... Input
This pin inputs a signal to select a channel to be accessed when data is written or read. When this pin is “L”,
channel A is selected; when it is “H”, channel B is selected.
(8) C/D (Control/Data) ... Input
This pin inputs a signal that determines the type of the data on the data bus when the data is written or read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com