Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001C Datasheet(PDF) 22 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 22 Page - NEC

Back Button UPD72001C Datasheet HTML 18Page - NEC UPD72001C Datasheet HTML 19Page - NEC UPD72001C Datasheet HTML 20Page - NEC UPD72001C Datasheet HTML 21Page - NEC UPD72001C Datasheet HTML 22Page - NEC UPD72001C Datasheet HTML 23Page - NEC UPD72001C Datasheet HTML 24Page - NEC UPD72001C Datasheet HTML 25Page - NEC UPD72001C Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
µPD72001-11, 72001-A8
22
Serial control:
Parameter
Symbol
Condition
Rated Value
Unit
MIN.
MAX.
Transmit/receive data cycle
tCYD
5tCYK
STRXC, TRXC input clock cycle
tCYC
TA = –10 to +70
°C
125
DC
ns
TA = –40 to +85
°C
140
DC
ns
STRXC, TRXC input
tWCH
High level
TA = –10 to +70
°C50
DC
ns
clock pulse width
TA = –40 to +85
°C55
DC
ns
tWCL
Low level
TA = –10 to +70
°C60
DC
ns
TA = –40 to +85
°C65
DC
ns
STRXC, TRXC
↓ → delay time
tDTCTD1
×1 mode, COP,
TA = –10 to +70
°C
140
ns
BOP
TA = –40 to +85
°C
145
ns
tDTCTD2
×16, 32, 64 mode
TA = –10 to +70
°C
300
ns
TA = –40 to +85
°C
305
ns
TRXC
↓ → TxD delay time
tDTCTD3
TRXC is output
0
100
ns
RXD setup time (vs. STRXC, TRXC
↑)tSRDRC
When DPLL is
TA = –10 to +70
°C0
ns
not used
TA = –40 to +85
°C5
ns
RXD hold time (vs. STRXC, TRXC
↑)tHRCRD
When DPLL is
TA = –10 to +70
°C
140
ns
not used
TA = –40 to +85
°C
145
ns
RXD
→ TXD delay time
tDRDTD1
ECHO BACK mode
100
ns
tDRDTD2
Without SDLC Loop delay
100
ns
TXD
→ INT delay time
tDTDIQ
TX INT mode
4
6
tCYK
TXD
→ DRQTX delay time
tDTDDQ
TX DMA mode
4
6
tCYK
RxC
↑ Note → INT delay time
tDRCIQ
RX INT mode
7
11
tCYK
RxC
↑ Note → DRQRX delay time
tDRCDQ
RX DMA mode
7
11
tCYK
RD
↓ → DRQRX ↓ delay time
tDRDQ
140
ns
WR
↓ → DRQTX ↓ delay time
tDWDQ
140
ns
Note Of STRXC and TRXC, the one used as the receive clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com