Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001C Datasheet(PDF) 1 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 1 Page - NEC

  UPD72001C Datasheet HTML 1Page - NEC UPD72001C Datasheet HTML 2Page - NEC UPD72001C Datasheet HTML 3Page - NEC UPD72001C Datasheet HTML 4Page - NEC UPD72001C Datasheet HTML 5Page - NEC UPD72001C Datasheet HTML 6Page - NEC UPD72001C Datasheet HTML 7Page - NEC UPD72001C Datasheet HTML 8Page - NEC UPD72001C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD72001-11, 72001-A8
MULTI-PROTOCOL SERIAL CONTROLLERS
Document No. S12184EJ7V0DS00 (7th edition)
Date Published November 1997 N
Printed in Japan
DESCRIPTION
The
µPD72001-11 is an MPSC (Multi-Protocol Serial Controller) which is a general-purpose communication LSI
equipped with two sets of bidirectional parallel/serial converter circuits for data communication. This controller has
a transmitter function to convert the parallel data output by a data terminal into serial data and transmit this data to
a data transmission system such as a modem, and a receiver function to convert the serial data output by the data
transmission system into parallel data.
The MPSC can be used with data communications equipment with a variety of communication modes such as the
generally and widely used start-stop synchronization mode, and the HDLC mode which is used for high-speed
communication.
The
µPD72001-A8 is a low-voltage model.
For this product, the following documents are separately available. Read these documents as well as this Data
Sheet.
•
User’s Manual (S12472E)
(I) (S12753E)
•
Application Notes
(II) (On preparation)
(III) (On preparation)
FEATURES
• Two sets of parallel/serial circuits supporting three modes: start-stop synchronization, character synchronization,
and bit synchronization modes
→ Easy application to a system supporting two or more communication protocols such as a protocol converter or
ISDN terminal adapter
•
DPLL (Digital Phase Locked Loop), baud rate generator, and crystal oscillation circuit for transmission/reception
clock
→ Helps reduce cost by decreasing the number of external circuits
•
Many variations with power-saving features and small package size
→ Easy application to portable terminals and high-accuracy portable terminals
The features common to the
µPD72001-11 and 72001-A8 are explained as the features of the MPSC in this
document.
The information in this document is subject to change without notice.
The mark
shows major revised points.


Similar Part No. - UPD72001C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720100A NEC-UPD720100A Datasheet
304Kb / 32P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100A RENESAS-UPD720100A Datasheet
446Kb / 34P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8ED NEC-UPD720100AGM-8ED Datasheet
304Kb / 32P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100AGM-8ED RENESAS-UPD720100AGM-8ED Datasheet
446Kb / 34P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8EY NEC-UPD720100AGM-8EY Datasheet
304Kb / 32P
MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD72001C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
logo
Sipex Corporation
SP505AN SIPEX-SP505AN Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
Serial Communications Controller CAN Protocol
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
Serial Communications Controller - CAN Protocol
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
MGM240S Multi-Protocol Wireless
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com