Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001C Datasheet(PDF) 10 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 10 Page - NEC

Back Button UPD72001C Datasheet HTML 6Page - NEC UPD72001C Datasheet HTML 7Page - NEC UPD72001C Datasheet HTML 8Page - NEC UPD72001C Datasheet HTML 9Page - NEC UPD72001C Datasheet HTML 10Page - NEC UPD72001C Datasheet HTML 11Page - NEC UPD72001C Datasheet HTML 12Page - NEC UPD72001C Datasheet HTML 13Page - NEC UPD72001C Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
µPD72001-11, 72001-A8
10
(b) Non-vector mode (CR2A: D7 = “0”)
In this mode, the PRI pin controls only the generation of interrupts because the INTAK sequence is not used.
If an interrupt vector output mode other than Type A-3 and Type B-2 is selected, generation of an interrupt
signal is enabled if “L” is input to the PRI pin. The interrupt signal is not generated if “H” is input to PRI.
If an interrupt daisy chain is configured, inputting “L” to this pin indicates that a device having a higher priority
does not acknowledge interrupt processing or does not have an interrupt request, and only the MPSC with
“L” input to its PRI pin can generate an interrupt.
(13) PRO (Priority Output) ... Output
This pin is used when an interrupt daisy chain is configured. This output pin is active-low, and controls generation
of interrupts requests from a device with a lower priority. Usually, this pin is used along with the PRI pin, and
its operation is as follows:
When PRI = “H”, PRO = “H”
When PRI = “L”, PRO goes “H” if there is an interrupt request, and goes “L” if there is no interrupt request.
(14) DRQTXA (DMA Request TXA) ... Output
This pin outputs a DMA request to a DMA controller. This pin is active-high. It goes “H” if the transmitter of channel
A has entered the TX Buffer Empty status. The condition under which this pin goes “H” differs as follows depending
on the setting of the CR1 and D2 bits.
CR1: D2 = “0”: The DRQTXA pin goes “H” when the transmitter has entered the TX Buffer Empty status after
the first transmit data has been written. It does not go “H” when the transmitter has entered
the TX Buffer Empty status after reset.
CR1: D2 = “1”: The DRQTXA pin goes “H” when the transmitter has entered the TX Buffer Empty status.
This signal is reset when transmit data has been written to channel A.
(15) DRQRXA (DMA Request RXA) ... Output
This pin outputs a DMA request to a DMA controller. This pin is active-high and goes “H” if the receiver of channel
A has entered the RX Character Available status. This signal is reset only when receive data has been read from
channel A.
(16) DTRA/DRQTXB (Data Terminal Ready A/DMA Request TXB) ... Output
The function of this pin is changed as follows depending on the setting of CR2A: D1 and D0.
(a) When CR2A: D1, D0 = “0, 0” or “0, 1”
This pin functions as the DTRA pin. This pin is a general-purpose output pin and can be used to control a
modem, etc. The operation of the DTRA pin is as follows:
When CR5A: D7 = “0”, DTRA = “H”
When CR5A: D7 = “1”, DTRA = “L”
(b) When CR2A: D1, D0 = “1, 0”
This pin functions as the DRQTXB output pin. The function of this pin is the same as the DRQTXA pin, except
this pin is used with channel B.
(17) DTRB/DRQRXB (Data Terminal Ready B/DMA Request RXB) ... Output
The function of this pin changes as follows depending on the setting of CR2A: D1 and D0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com