Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001C Datasheet(PDF) 20 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 20 Page - NEC

Back Button UPD72001C Datasheet HTML 16Page - NEC UPD72001C Datasheet HTML 17Page - NEC UPD72001C Datasheet HTML 18Page - NEC UPD72001C Datasheet HTML 19Page - NEC UPD72001C Datasheet HTML 20Page - NEC UPD72001C Datasheet HTML 21Page - NEC UPD72001C Datasheet HTML 22Page - NEC UPD72001C Datasheet HTML 23Page - NEC UPD72001C Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
µPD72001-11, 72001-A8
20
(2)
µPD72001-A8
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Condition
Ratings
Unit
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–0.5 to VDD + 0.5
V
Output voltage
VO
–0.5 to VDD + 0.5
V
Operating temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–0 to +150
°C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality
of the product may be impaired. The absolute maximum ratings are values that may physically
damage the product(s). Be sure to use the product(s) within the ratings.
DC Characteristics (TA = –40 to +85
°C, VDD = 3.3 V ± 0.3 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIHC
CLK, STRXC, TRXC
0.8 VDD
VDD + 0.5
V
VIH
Other pins
1.8
VDD + 0.5
V
Low-level input voltage
VILC
CLK, STRXC, TRXC
–0.5
0.15 VDD
V
VIL
Other pins
–0.5
+0.6
V
High-level output voltage
VOH
IOH = –400
µA
2.2
V
Low-level output voltage
VOL
IOL = 2.0 mA
0.5
V
High-level input leakage current
ILIH
VI = VDD
10
µA
Low-level input leakage current
ILIL
VI = 0 V
–10
µA
High-level output leakage
ILOH
VO = VDD
10
µA
current
Low-level output leakage
ILOL
VO = 0 V
–10
µA
current
Supply current
IDD
At 8 MHz
5
20
mA
In standby modeNote
1mA
Note System clock
: 8 MHz (TA = –10 to +70
°C)/7.14 MHz (TA = –40 to +85 °C)
Input pin
: Inactive
• High-level input voltage : (VDD – 0.3 V) to (VDD + 0.5 V)
• Low-level input voltage : 0 V to 0.3 V
Output pin
: Leave unconnected.
Capacitance (TA = 25
°C, VDD = 0 V)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Input capacitance
CIN
fC = 1 MHz
10
pF
I/O capacitance
CIO
Pins other than test pin: 0 V
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com