Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001C Datasheet(PDF) 21 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 21 Page - NEC

Back Button UPD72001C Datasheet HTML 17Page - NEC UPD72001C Datasheet HTML 18Page - NEC UPD72001C Datasheet HTML 19Page - NEC UPD72001C Datasheet HTML 20Page - NEC UPD72001C Datasheet HTML 21Page - NEC UPD72001C Datasheet HTML 22Page - NEC UPD72001C Datasheet HTML 23Page - NEC UPD72001C Datasheet HTML 24Page - NEC UPD72001C Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
µPD72001-11, 72001-A8
21
AC Characteristics (TA = –40 to +85
°C, VDD = 3.3 V ± 0.3 V)
System interface:
Parameter
Symbol
Condition
Rated Value
Unit
MIN.
MAX.
Clock cycle
tCYK
TA = –10 to +70
°C
125
2000
ns
TA = –40 to +85
°C
140
2000
ns
Clock high-pulse width
tWKH
50
1000
ns
Clock low-pulse width
tWKL
50
1000
ns
Clock rise time
tKR
1.5 V
→ 2.2 V
10
ns
Clock fall time
tKF
2.2 V
→ 1.5 V
10
ns
Address setup time (vs. RD
↓)tSAR
TA = –10 to +70
°C0
ns
TA = –40 to +85
°C5
Address hold time (vs. RD
↑)tHRA
TA = –10 to +70
°C0
ns
TA = –40 to +85
°C5
RD pulse width
tWRL
TA = –10 to +70
°C
150
ns
TA = –40 to +85
°C
155
Address
→ data output delay time
tDAD
TA = –10 to +70
°C
120
ns
TA = –40 to +85
°C
125
RD
→ data output delay time
tDRD
TA = –10 to +70
°C
120
ns
TA = –40 to +85
°C
125
RD
→ data float delay time
tFRD
10
120
ns
Address setup time (vs. WR
↓)tSAW
0ns
Address hold time (vs. WR
↑)tHWA
TA = –10 to +70
°C0
ns
TA = –40 to +85
°C5
WR pulse width
tWWL
TA = –10 to +70
°C
150
ns
TA = –40 to +85
°C
155
Data setup time (vs. WR
↑)tSDW
TA = –10 to +70
°C
120
ns
TA = –40 to +85
°C
125
Data hold time (vs. WR
↑)tHWD
TA = –10 to +70
°C0
ns
TA = –40 to +85
°C5
Recovery time between RD and WR
tRV
TA = –10 to +70
°C
180
ns
TA = –40 to +85
°C
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com