Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SA Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STW7C2SA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SA Datasheet(HTML) 1 Page - Seoul Semiconductor

  STW7C2SA Datasheet HTML 1Page - Seoul Semiconductor STW7C2SA Datasheet HTML 2Page - Seoul Semiconductor STW7C2SA Datasheet HTML 3Page - Seoul Semiconductor STW7C2SA Datasheet HTML 4Page - Seoul Semiconductor STW7C2SA Datasheet HTML 5Page - Seoul Semiconductor STW7C2SA Datasheet HTML 6Page - Seoul Semiconductor STW7C2SA Datasheet HTML 7Page - Seoul Semiconductor STW7C2SA Datasheet HTML 8Page - Seoul Semiconductor STW7C2SA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
STW7C2SA
– Mid-Power LED
Rev4.1
•
Replacement lamps
•
Residential
•
Entertainment
•
Retail Display
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size : 3.0x3.0x0.65mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
Thermally Enhanced Package Design
•
Mid Power to High Power up to 1.4W
•
Max. Driving Current 200mA
•
Compact Package Size
•
High Color Quality with CRI Min. 70
•
RoHS compliant
Achieving the best system cost in Mid/High Power
STW7C2SA (Cool, Neutral, Warm)
Mid-Power LED
– 3030 Series
RoHS
Part Number
CCT
Color
Min.
Typ.
Max.
STW7C2SA
Cool White
4700K
5600K
7000K
Neutral White
3700K
4500K
4700K
Warm White
2600K
3000K
3700K
MacAdam
3-Step
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting


Similar Part No. - STW7C2SA

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW7C2SB SEOUL-STW7C2SB Datasheet
1Mb / 31P
Achieving the best system cost in Mid/High Power
More results

Similar Description - STW7C2SA

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
Thermally Enhanced Package Design
STW8B12B-NZ SEOUL-STW8B12B-NZ Datasheet
812Kb / 24P
Thermally Enhanced Package Design
STW8B12C SEOUL-STW8B12C Datasheet
894Kb / 31P
Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
Thermally Enhanced Package Design
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
Thermally Enhanced Package Design
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
Thermally Enhanced Package Design
STW9C2SB-NZ SEOUL-STW9C2SB-NZ Datasheet
1Mb / 30P
Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com