Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SA Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW7C2SA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SA Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW7C2SA Datasheet HTML 1Page - Seoul Semiconductor STW7C2SA Datasheet HTML 2Page - Seoul Semiconductor STW7C2SA Datasheet HTML 3Page - Seoul Semiconductor STW7C2SA Datasheet HTML 4Page - Seoul Semiconductor STW7C2SA Datasheet HTML 5Page - Seoul Semiconductor STW7C2SA Datasheet HTML 6Page - Seoul Semiconductor STW7C2SA Datasheet HTML 7Page - Seoul Semiconductor STW7C2SA Datasheet HTML 8Page - Seoul Semiconductor STW7C2SA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
STW7C2SA
– Mid-Power LED
Rev4.1
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Product Selection Guide, I
F = 100mA , Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K) [1]
RANK
Luminous Intensity [2]
IV (cd)
Luminous Flux [3]
ФV (lm)
CRI
Ra
Typ.
Min
Max
Min
Max
Min.
STW7C2SA
6500
K25
25
27
78.7
85
70
K27
27
30
85
94.5
70
5600
K25
25
27
78.7
85
70
K27
27
30
85
94.5
70
5000
K26
26
28
81.9
88.2
70
K28
28
31.2
88.2
98.28
70
L31
31.2
34
98.28
107.1
70
4500
K26
26
28
81.9
88.2
70
K28
28
31.2
88.2
98.28
70
L31
31.2
34
98.28
107.1
70
4000
K26
26
28
81.9
88.2
70
K28
28
31.2
88.2
98.28
70
L31
31.2
34
98.28
107.1
70
3500
K26
26
28
80.6
86.8
70
K28
28
31.2
86.8
96.72
70
L31
31.2
34
96.72
105.4
70
3000
K26
26
28
80.6
86.8
70
K28
28
31.2
86.8
96.72
70
L31
31.2
34
96.72
105.4
70
2700
K26
26
28
80.6
86.8
70
K28
28
31.2
86.8
96.72
70
L31
31.2
34
96.72
105.4
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com