Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SA Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW7C2SA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SA Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW7C2SA Datasheet HTML 7Page - Seoul Semiconductor STW7C2SA Datasheet HTML 8Page - Seoul Semiconductor STW7C2SA Datasheet HTML 9Page - Seoul Semiconductor STW7C2SA Datasheet HTML 10Page - Seoul Semiconductor STW7C2SA Datasheet HTML 11Page - Seoul Semiconductor STW7C2SA Datasheet HTML 12Page - Seoul Semiconductor STW7C2SA Datasheet HTML 13Page - Seoul Semiconductor STW7C2SA Datasheet HTML 14Page - Seoul Semiconductor STW7C2SA Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
STW7C2SA
– Mid-Power LED
Rev4.1
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 5. Bin Code description
*Notes :
All measurements were made under the standardized environment of SSC.
In order to ensure availability, single color rank will not be orderable.
CCT
CIE
IV Rank
5300K~7000K
Refer to
page.12
K25
K27
L30
2600K~5300K
K26
K28
L31
Table 6 . Intensity rank distribution
Available ranks
Part Number
Luminous Intensity (cd)
@ I
F = 100mA
Color
Chromaticity
Coordinate
@ I
F = 100mA
Typical Forward
Voltage (V
F) @ IF = 100mA
Bin Code
Min.
Max.
Bin Code
Min.
Max.
STW7C2SA
K25
25
27
Refer to page.12
Z56
5.6
5.8
K27
27
30
Z58
5.8
6.0
L30
30
33
Z60
6.0
6.2
K26
26
28
Z62
6.2
6.4
K28
28
31.2
L31
31.2
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com