Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SA Datasheet(PDF) 20 Page - Seoul Semiconductor

Part # STW7C2SA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SA Datasheet(HTML) 20 Page - Seoul Semiconductor

Back Button STW7C2SA Datasheet HTML 16Page - Seoul Semiconductor STW7C2SA Datasheet HTML 17Page - Seoul Semiconductor STW7C2SA Datasheet HTML 18Page - Seoul Semiconductor STW7C2SA Datasheet HTML 19Page - Seoul Semiconductor STW7C2SA Datasheet HTML 20Page - Seoul Semiconductor STW7C2SA Datasheet HTML 21Page - Seoul Semiconductor STW7C2SA Datasheet HTML 22Page - Seoul Semiconductor STW7C2SA Datasheet HTML 23Page - Seoul Semiconductor STW7C2SA Datasheet HTML 24Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
20
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
STW7C2SA
– Mid-Power LED
Rev4.1
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.43
0.44
0.45
0.46
0.47
0.48
0.38
0.39
0.40
0.41
0.42
0.43
0.44
H44
H43
2600K
2700K
2900K
H41
H31
H21
H11
CIE X
H32
H42
H22
H12
H33
H23
H13
H34
H24
H14
<I
F = 100mA, Tj = 25℃>
H11
H21
H31
H41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4562
0.4260
0.4625
0.4275
0.4687
0.4289
0.4750
0.4304
0.4515
0.4168
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4758
0.4225
0.4625
0.4275
0.4687
0.4289
0.4750
0.4304
0.4810
0.4319
H12
H22
H32
H42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4515
0.4168
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4468
0.4077
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4703
0.4132
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4758
0.4225
H13
H23
H33
H43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4468
0.4077
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4420
0.3985
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4648
0.4038
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4703
0.4132
H14
H24
H34
H44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4420
0.3985
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4373
0.3893
0.4428
0.3906
0.4483
0.3919
0.4538
0.3932
0.4428
0.3906
0.4483
0.3919
0.4538
0.3932
0.4593
0.3944
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4648
0.4038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com