Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SA Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # STW7C2SA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SA Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button STW7C2SA Datasheet HTML 11Page - Seoul Semiconductor STW7C2SA Datasheet HTML 12Page - Seoul Semiconductor STW7C2SA Datasheet HTML 13Page - Seoul Semiconductor STW7C2SA Datasheet HTML 14Page - Seoul Semiconductor STW7C2SA Datasheet HTML 15Page - Seoul Semiconductor STW7C2SA Datasheet HTML 16Page - Seoul Semiconductor STW7C2SA Datasheet HTML 17Page - Seoul Semiconductor STW7C2SA Datasheet HTML 18Page - Seoul Semiconductor STW7C2SA Datasheet HTML 19Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
15
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
STW7C2SA
– Mid-Power LED
Rev4.1
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
C11
C21
C31
C41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3376
0.3616
0.3420
0.3652
0.3463
0.3687
0.3507
0.3724
0.3374
0.3554
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3542
0.3692
0.3420
0.3652
0.3463
0.3687
0.3507
0.3724
0.3551
0.3760
C12
C22
C32
C42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3374
0.3554
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3371
0.3493
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3533
0.3624
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3542
0.3692
C13
C23
C33
C43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3371
0.3493
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3369
0.3431
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3523
0.3555
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3533
0.3624
C14
C24
C34
C44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3369
0.3431
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3366
0.3369
0.3403
0.3399
0.3440
0.3428
0.3477
0.3458
0.3403
0.3399
0.3440
0.3428
0.3477
0.3458
0.3514
0.3487
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3523
0.3555
0.335
0.340
0.345
0.350
0.355
0.34
0.35
0.36
0.37
0.38
C44
C43
4700K
5000K
5300K
C41
C31
C21
C11
CIE X
C32
C42
C22
C12
C33
C23
C13
C34
C24
C14
<I
F = 100mA, Tj = 25℃>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com