Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SA Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STW7C2SA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SA Datasheet(HTML) 4 Page - Seoul Semiconductor

  STW7C2SA Datasheet HTML 1Page - Seoul Semiconductor STW7C2SA Datasheet HTML 2Page - Seoul Semiconductor STW7C2SA Datasheet HTML 3Page - Seoul Semiconductor STW7C2SA Datasheet HTML 4Page - Seoul Semiconductor STW7C2SA Datasheet HTML 5Page - Seoul Semiconductor STW7C2SA Datasheet HTML 6Page - Seoul Semiconductor STW7C2SA Datasheet HTML 7Page - Seoul Semiconductor STW7C2SA Datasheet HTML 8Page - Seoul Semiconductor STW7C2SA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
STW7C2SA
– Mid-Power LED
Rev4.1
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
100
200
mA
Forward Voltage[1]
V
F (100mA)
5.6
6.1
6.6
V
Reverse Voltage
V
r
-
0.9
1.4
V
Luminous Intensity (5,000 K) [1]
Iv (100mA)
-
27.5
86.6
-
cd
lm
Iv (150mA)
-
38.5
121.2
-
cd
Lm
Luminous Intensity (3,500 K) [1]
Iv (100mA)
-
27.5
85.2
-
cd
lm
Iv (150mA)
-
38.5
119.3
-
cd
Lm
Color Rendering Index [1]
Ra
70
75
80
-
Viewing Angle [2]
2
Θ
1/2
120
Power Dissipation
P
d
-
-
1.44
W
Junction Temperature
T
j
-
-
125
ºC
Operating Temperature
T
opr
- 40
-
+ 85
ºC
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [3]
Rθ
J-S
-
10
-
℃/W
Turn-on voltage
V
F (1um)
3.8
-
5.4
V
ESD Sensitivity(HBM) [4]
-
-
-
5000
V
Table 3. Characteristics, I
F = 100mA , Tj = 25ºC, RH30%
Notes :
(1) Tolerance : VF :±0.2V, IV :±7%, Ra :±2, x,y :±0.007
(2) 2Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(3) Thermal resistance: Rth
JS (Junction to Solder)
(4) A zener diode is included to protect the product from ESD.
•
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
100
-
mA
Forward Voltage[1]
V
F
5.6
-
6.4
V
Luminous Intensity (3500K)[1]
Iv
100mA
-
27.5
-
cd
150mA
-
38.5
-
cd
CRI[1]
Ra
70
-
-
Viewing Angle [2]
2
Θ
1/2
-
120
-
Deg.
Thermal resistance (J to S) [3]
Rθ
J-S
-
10
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Parameter
Symbol
Value
Unit
Forward Current
I
F
200
mA
Power Dissipation
P
D
1.44
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-40~ + 85
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Table 4. Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com