Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167AI Datasheet(PDF) 8 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 4Page - Linear Technology LT1167AI Datasheet HTML 5Page - Linear Technology LT1167AI Datasheet HTML 6Page - Linear Technology LT1167AI Datasheet HTML 7Page - Linear Technology LT1167AI Datasheet HTML 8Page - Linear Technology LT1167AI Datasheet HTML 9Page - Linear Technology LT1167AI Datasheet HTML 10Page - Linear Technology LT1167AI Datasheet HTML 11Page - Linear Technology LT1167AI Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1167
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (
±V)
0
1.00
1.25
85
°C
25
°C
–40
°C
20
1167 G18
0.75
0.50
5
10
15
1.50
COMMON MODE INPUT VOLTAGE (V)
–15
100
300
500
9
1167 G13
–100
– 300
0
200
400
– 200
– 400
– 500
–9
–3
3
–12
12
–6
0
6
15
–40
°C
85
°C
0
°C
70
°C
25
°C
Input Bias Current
vs Common Mode Input Voltage
FREQUENCY (Hz)
0.1
60
80
100
100
10k
1167 G15
40
20
0
110
1k
120
140
160
100k
G = 1000
G = 100
G = 10
G = 1
V + = 15V
TA = 25°C
Negative Power Supply Rejection
Ratio vs Frequency
FREQUENCY (Hz)
0.1
60
80
100
100
10k
1167 G14
40
20
0
110
1k
120
140
160
100k
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
1k SOURCE
IMBALANCE
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
0.1
60
80
100
100
10k
1167 G16
40
20
0
110
1k
120
140
160
100k
G = 1000
G = 10
G = 1
V – = – 15V
TA = 25°C
G = 100
Positive Power Supply Rejection
Ratio vs Frequency
Gain vs Frequency
FREQUENCY (kHz)
0
10
30
50
60
0.01
1
10
1000
1167 G17
–10
0.1
100
40
20
–20
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
1
0
100
1000
10
100
1k
100k
10k
1167 G19
10
VS = ±15V
TA = 25°C
1/fCORNER = 10Hz
1/fCORNER = 9Hz
1/fCORNER = 7Hz
GAIN = 1
GAIN = 10
GAIN = 100, 1000
BW LIMIT
GAIN = 1000
Voltage Noise Density
vs Frequency
TIME (SEC)
0
8
1167 G20
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
0.1Hz to 10Hz Noise Voltage,
G = 1
0.1Hz to 10Hz Noise Voltage, RTI
G = 1000
TIME (SEC)
0
8
1167 G21
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com