Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167AI Datasheet(PDF) 5 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 5 Page - Linear Technology

  LT1167AI Datasheet HTML 1Page - Linear Technology LT1167AI Datasheet HTML 2Page - Linear Technology LT1167AI Datasheet HTML 3Page - Linear Technology LT1167AI Datasheet HTML 4Page - Linear Technology LT1167AI Datasheet HTML 5Page - Linear Technology LT1167AI Datasheet HTML 6Page - Linear Technology LT1167AI Datasheet HTML 7Page - Linear Technology LT1167AI Datasheet HTML 8Page - Linear Technology LT1167AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1167
ELECTRICAL CHARACTERISTICS
VS = ±15V, VCM = 0V, –40°C ≤ TA ≤ 85°C, RL = 2k, unless otherwise noted. (Note 4)
LT1167AI
LT1167I
SYMBOL
PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
G = 1
q
0.014
0.04
0.015
0.05
%
G = 10 (Note 2)
q
0.130
0.40
0.140
0.42
%
G = 100 (Note 2)
q
0.140
0.40
0.150
0.42
%
G = 1000 (Note 2)
q
0.160
0.40
0.180
0.45
%
GN
Gain Nonlinearity (Notes 2, 4)
VO = ±10V, G = 1
q
2
15
3
20
ppm
VO = ±10V, G = 10 and 100
q
5
20
6
30
ppm
VO = ±10V, G = 1000
q
26
70
30
100
ppm
G/T
Gain vs Temperature
G < 1000 (Note 2)
q
20
50
20
50
ppm/
°C
VOST
Total Input Referred
VOST = VOSI + VOSO/G
Offset Voltage
VOSI
Input Offset Voltage
q
20
75
25
100
µV
VOSIH
Input Offset Voltage Hysteresis
(Notes 3, 6)
3.0
3.0
µV
VOSO
Output Offset Voltage
q
180
500
200
600
µV
VOSOH
Output Offset Voltage Hysteresis (Notes 3, 6)
30
30
µV
VOSI/T
Input Offset Drift (RTI)
(Note 3)
q
0.05
0.3
0.06
0.4
µV/°C
VOSO/T
Output Offset Drift
(Note 3)
q
0.8
5
1
6
µV/°C
IOS
Input Offset Current
q
110
550
120
700
pA
IOS/T
Input Offset Current Drift
q
0.3
0.3
pA/
°C
IB
Input Bias Current
q
180
600
220
800
pA
IB/T
Input Bias Current Drift
q
0.5
0.6
pA/
°C
VCM
Input Voltage Range
VS = ±2.3V to ±5V
q
–VS + 2.1
+ VS – 1.3 – VS + 2.1
+VS – 1.3
V
VS = ±5V to ±18V
q
–VS + 2.1
+ VS – 1.4 – VS + 2.1
+ VS – 1.4
V
CMRR
Common Mode Rejection Ratio
1k Source Imbalance,
VCM = 0V to ±10V
G = 1
q
86
90
81
90
dB
G = 10
q
98
105
95
105
dB
G = 100
q
114
118
112
118
dB
G = 1000
q
116
133
112
133
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.3V to ±18V
G = 1
q
100
112
95
112
dB
G = 10
q
120
125
115
125
dB
G = 100
q
125
132
120
132
dB
G = 1000
q
128
140
125
140
dB
IS
Supply Current
q
1.1
1.6
1.1
1.6
mA
VOUT
Output Voltage Swing
VS = ±2.3V to ±5V
q
–VS + 1.4
+ VS – 1.3 – VS + 1.4
+ VS – 1.3
V
VS = ±5V to ±18V
q
–VS + 1.6
+ VS – 1.5 – VS + 1.6
+ VS – 1.5
V
IOUT
Output Current
q
15
20
15
20
mA
SR
Slew Rate
G = 1, VOUT = ±10V
q
0.55
0.95
0.55
0.95
V/
µs
VREF
REF Voltage Range
(Note 3)
q
–VS + 1.6
+ VS – 1.6 – VS + 1.6
+ VS – 1.6
V
The q denotes specifications that apply over the full specified
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be imparied.
Note 2: Does not include the effect of the external gain resistor RG.
Note 3: This parameter is not 100% tested.
Note 4: The LT1167AC/LT1167C are designed, characterized and expected
to meet the industrial temperature limits, but are not tested at – 40
°C and
85
°C. I-grade parts are guaranteed.
Note 5: This parameter is measured in a high speed automatic tester that
does not measure the thermal effects with longer time constants. The
magnitude of these thermal effects are dependent on the package used,
heat sinking and air flow conditions.
Note 6: Hysteresis in offset voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Offset voltage hysteresis is always measured at 25
°C, but
the IC is cycled to 85
°C I-grade (or 70°C C-grade) or –40°C I-grade
(0
°C C-grade) before successive measurement. 60% of the parts will
pass the typical limit on the data sheet.
Note 7: Typical parameters are defined as the 60% of the yield parameter
distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com