Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167AI Datasheet(PDF) 17 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 12Page - Linear Technology LT1167AI Datasheet HTML 13Page - Linear Technology LT1167AI Datasheet HTML 14Page - Linear Technology LT1167AI Datasheet HTML 15Page - Linear Technology LT1167AI Datasheet HTML 16Page - Linear Technology LT1167AI Datasheet HTML 17Page - Linear Technology LT1167AI Datasheet HTML 18Page - Linear Technology LT1167AI Datasheet HTML 19Page - Linear Technology LT1167AI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1167
APPLICATIONS INFORMATION
–
+
2
3
2
1
1
1
1/2
LT1112
3.5k
5V
3.5k
3.5k
3.5k
8
7
6
1167 F09
5
40k
20k
40k
DIGITAL
DATA
OUTPUT
4
G = 200
249
Ω
3
REF
IN
AGND
ADC
LTC
®1286
BI TECHNOLOGIES
67-8-3 R40KQ
(0.02% RATIO MATCH)
–
+
LT1167
Figure 9. Single Supply Pressure Monitor
AC Coupled Instrumentation Amplifier
2
–IN
OUTPUT
+IN
1
8
R1
500k
1167 TA04
2
3
5
1
6
C1
0.3
µF
1/2
LT1112
RG
3
f–3dB =
1
(2
π)(R1)(C1)
= 1.06Hz
–
+
LT1167
REF
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com