Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167AI Datasheet(PDF) 7 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 3Page - Linear Technology LT1167AI Datasheet HTML 4Page - Linear Technology LT1167AI Datasheet HTML 5Page - Linear Technology LT1167AI Datasheet HTML 6Page - Linear Technology LT1167AI Datasheet HTML 7Page - Linear Technology LT1167AI Datasheet HTML 8Page - Linear Technology LT1167AI Datasheet HTML 9Page - Linear Technology LT1167AI Datasheet HTML 10Page - Linear Technology LT1167AI Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1167
TYPICAL PERFOR A CE CHARACTERISTICS
Distribution of Output
Offset Voltage, TA = 85°C
Warm-Up Drift
Distribution of Output Offset
Voltage Drift
OUTPUT OFFSET VOLTAGE (
µV)
– 200 –150 –100 –50
0
50
100 150 200
20
30
1167 G44
10
0
15
25
5
VS = ±15V
G = 1
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
Distribution of Output
Offset Voltage, TA = 25°C
Distribution of Output
Offset Voltage, TA = – 40°C
OUTPUT OFFSET VOLTAGE (
µV)
–400 –300 –200 –100
0
100 200 300 400
20
30
1167 G43
10
0
40
15
25
5
35
VS = ±15V
G = 1
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
OUTPUT OFFSET VOLTAGE (
µV)
–400 –300 –200 –100
0
100 200 300 400
20
30
1167 G45
10
0
40
15
25
5
35
VS = ±15V
G = 1
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
TIME AFTER POWER ON (MINUTES)
0
10
12
S8
N8
14
34
1167 G09
8
6
12
5
4
2
0
VS = ±15V
TA = 25°C
G = 1
OUTPUT OFFSET VOLTAGE (
µV)
0
5
10
15
20
40
01
2
3
4
5
–1
–2
–3
–4
–5
1167 G47
30
35
25
VS = ±15V
TA = –40°C TO 85°C
G = 1
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
INPUT OFFSET VOLTAGE (
µV)
– 0.4
0
5
10
15
20
30
– 0.3 – 0.2 – 0.1
0
1167 G46
0.1
0.2
0.3
25
VS = ±15V
TA = –40°C TO 85°C
G = 1000
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
Distribution of Input Offset
Voltage Drift
INPUT BIAS CURRENT (pA)
– 100
30
40
50
60
1167 G10
20
10
0
–60
–20
20
100
VS = ±15V
TA = 25°C
270 S8
122 N8
392 TOTAL PARTS
Input Bias Current
INPUT OFFSET CURRENT (pA)
– 100
30
40
50
60
1167 G11
20
10
0
–60
–20
20
100
VS = ±15V
TA = 25°C
270 S8
122 N8
392 TOTAL PARTS
Input Offset Current
Input Bias and Offset Current
vs Temperature
TEMPERATURE (
°C)
–50
–75
– 500
– 400
– 200
– 100
0
500
200
0
50
75
1167 G12
– 300
300
400
100
–25
25
100
IOS
125
VS = ±15V
VCM = 0V
IB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com