Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167AI Datasheet(PDF) 9 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 5Page - Linear Technology LT1167AI Datasheet HTML 6Page - Linear Technology LT1167AI Datasheet HTML 7Page - Linear Technology LT1167AI Datasheet HTML 8Page - Linear Technology LT1167AI Datasheet HTML 9Page - Linear Technology LT1167AI Datasheet HTML 10Page - Linear Technology LT1167AI Datasheet HTML 11Page - Linear Technology LT1167AI Datasheet HTML 12Page - Linear Technology LT1167AI Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1167
TYPICAL PERFOR A CE CHARACTERISTICS
Current Noise Density
vs Frequency
FREQUENCY (Hz)
1
10
100
1000
10
100
1000
1167 G22
VS = ±15V
TA = 25°C
RS
TIME (SEC)
0
8
1167 G23
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
0.1Hz to 10Hz Current Noise
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–50
–40
–20
–10
0
50
20
1
2
1167 G24
–30
30
40
10
3
TA = –40°C
VS = ±15V
TA = –40°C
TA = 25°C
TA = 85°C
TA = 85°C
TA = 25°C
Short-Circuit Current vs Time
10
µs/DIV
Large-Signal Transient Response
1167 G28
10
µs/DIV
G = 1
VS = ±15V
RL = 2k
CL = 60pF
Small-Signal Transient Response
1167 G29
G = 1
VS = ±15V
RL = 2k
CL = 60pF
10
µs/DIV
Large-Signal Transient Response
10
µs/DIV
G = 10
VS = ±15V
RL = 2k
CL = 60pF
Small-Signal Transient Response
1167 G32
G = 10
VS = ±15V
RL = 2k
CL = 60pF
1167 G31
Overshoot vs Capacitive Load
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1167 G25
30
20
10
0
90
100
VS = ±15V
VOUT = ±50mV
RL =
∞
AV ≥ 100
AV = 10
AV = 1
Output Impedance vs Frequency
FREQUENCY (kHz)
1
10
100
1000
10
100
1000
1167 G26
0.1
1
VS = ±15V
TA = 25°C
G = 1 TO 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com