Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167AI Datasheet(PDF) 11 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 7Page - Linear Technology LT1167AI Datasheet HTML 8Page - Linear Technology LT1167AI Datasheet HTML 9Page - Linear Technology LT1167AI Datasheet HTML 10Page - Linear Technology LT1167AI Datasheet HTML 11Page - Linear Technology LT1167AI Datasheet HTML 12Page - Linear Technology LT1167AI Datasheet HTML 13Page - Linear Technology LT1167AI Datasheet HTML 14Page - Linear Technology LT1167AI Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1167
BLOCK DIAGRAM
Q1
RG
2
OUTPUT
6
REF
1167 F01
5
7
–
+
A1
A3
VB
R1
24.7k
R3
400
Ω
R4
400
Ω
C1
1
RG 8
R7
10k
R8
10k
R5
10k
R6
10k
DIFFERENCE AMPLIFIER STAGE
PREAMP STAGE
+IN
–IN
3
–
+
A2
VB
R2
24.7k
C2
V +
V –
V –
V +
V –
Q2
V –
V +
4
V –
with programmed gain. Therefore, the bandwidth does not
drop proportional to gain.
The input transistors Q1 and Q2 offer excellent matching,
which is inherent in NPN bipolar transistors, as well as
picoampere input bias current due to superbeta process-
ing. The collector currents in Q1 and Q2 are held constant
due to the feedback through the Q1-A1-R1 loop and
Q2-A2-R2 loop which in turn impresses the differential
input voltage across the external gain set resistor RG.
Since the current that flows through RG also flows through
R1 and R2, the ratios provide a gained-up differential volt-
age,G = (R1 + R2)/RG, to the unity-gain difference amplifier
A3. The common mode voltage is removed by A3, result-
ing in a single-ended output voltage referenced to the
voltage on the REF pin. The resulting gain equation is:
VOUT – VREF = G(VIN+ – VIN–)
where:
G = (49.4k
Ω/RG) + 1
solving for the gain set resistor gives:
RG = 49.4kΩ /(G – 1)
THEORY OF OPERATIO
The LT1167 is a modified version of the three op amp
instrumentation amplifier. Laser trimming and monolithic
construction allow tight matching and tracking of circuit
parameters over the specified temperature range. Refer to
the block diagram (Figure 1) to understand the following
circuit description. The collector currents in Q1 and Q2 are
trimmed to minimize offset voltage drift, thus assuring a
high level of performance. R1 and R2 are trimmed to an
absolute value of 24.7k to assure that the gain can be set
accurately (0.05% at G = 100) with only one external
resistor RG. The value of RG in parallel with R1 (R2)
determines the transconductance of the preamp stage. As
RG is reduced for larger programmed gains, the transcon-
ductance of the input preamp stage increases to that of the
input transistors Q1 and Q2. This increases the open-loop
gain when the programmed gain is increased, reducing
the input referred gain related errors and noise. The input
voltage noise at gains greater than 50 is determined only
by Q1 and Q2. At lower gains the noise of the difference
amplifier and preamp gain setting resistors increase the
noise. The gain bandwidth product is determined by C1,
C2 and the preamp transconductance which increases
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com