Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology LT1312 Datasheet HTML 10Page - Linear Technology LT1312 Datasheet HTML 11Page - Linear Technology LT1312 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1312
APPLICATIONS INFORMATION
on this line that may damage sensitive PCMCIA flash
memory cards if applied directly to the VPP pins.
Flash Memory Card VPP Power Considerations
PCMCIA compatible flash memory cards require tight
regulation of the 12V VPP programming supply to ensure
that the internal flash memory circuits are never subjected
to damaging conditions. Flash memory circuits are typi-
cally rated with an absolute maximum of 13.5V and VPP
must be maintained at 12V
±5% under all possible load
conditions during erase and program cycles. Undervoltage
can decrease specified flash memory reliability and over-
voltage can damage the device
1.
Generating 14V from 5V or 12V
It is important that the 12V VPP supply for the two VPP
lines to the card be free of voltage spikes. There should be
little or no overshoot during transitions to and from the
12V level.
inductor as shown in Figure 3. MOSFET Q4 and diode D4
have been added and diode D1 is no longer used. In the
previous circuit, power is drawn directly from the batteries
through D1, when the LTC1142 is in Burst Mode operation
and the VPP pin requires 3.3V or 5V. For these lower input
voltages this technique is no longer valid as the input will
fall below the LT1312 regulator’s dropout voltage. To
correct for this situation, the additional switch Q4 forces
the switching regulator into continuous mode operation
whenever 3.3V, 5V or 12V is selected.
LINE POWERED SUPPLIES
In line operated products such as: desktop computers,
dedicated PC card readers/writers, medical equipment,
test and measurement equipment, etc., it is possible to
derive power from a relatively “raw” source such as a 5V
or 12V power supply. The 12V supply line in a desktop
computer however, is usually too “dirty” to apply directly
to the VPP pins of a PCMCIA card socket. Power supply
switching and load transients may create voltage spikes
1See Application Note AP-357, “Power Supply Solutions for Flash Memory,”
Intel Corporation, 1992.
D2
MBRS1100
D3
MBRS130T3
Q3
VN7002
VIN
5.4V TO 12V
C4
1000pF
C2
1000pF
C3
220µF
C1
68µF
C5
22µF
3.3V
OUTPUT
FROM CARD
VCC PIN
Q1
24
23
6
1
28
EN0
EN1
VALID
*LPE-6582-A086 DALE (605) 665-9301
14V AUXILIARY SUPPLY
T1
3.38T
22µH*
Q2
R4
22
Ω
R1
100
Ω
R3
18k
R2
100
Ω
R4
0.033
Ω
D4
18V
LT1312 F3
+
Q4
VN7002
+
+
+
VS
EN0
TO CARD VPP PIN
0V, 3.3V, 5V, 12V OR Hi-Z
VPPOUT
LT1312
EN1
VALID
SENSE
GND
1µF
1/2 LTC1142
3.3V REG
VIN
PDRIVE
NDRIVE
SENSE+
SENSE–
Figure 3. Deriving Auxiliary 14V Power from an LTC1142 3.3V Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com