Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1312 Datasheet HTML 3Page - Linear Technology LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology LT1312 Datasheet HTML 10Page - Linear Technology LT1312 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1312
APPLICATIONS INFORMATION
D1
MBRS140
D3
MBRS130T3
D2
MBRS140
Q3
VN7002
VIN
6.5V TO 18V
C4
1000pF
C2
1000pF
C3
220µF
C1
68µF
C5
22µF
1µF
5V
OUTPUT
Q1
10
9
20
15
14
EN0
EN1
VALID
*LPE-6562-A026 DALE (605) 665-9301
14V AUXILIARY SUPPLY
T1
1.8T
30µH*
Q2
R4
22
Ω
R1
100
Ω
R3
18k
R2
100
Ω
R5
0.033
Ω
LT1312 F1
+
+
+
VS
EN0
TO CARD VPP PIN
0V, 3.3V, 5V, 12V OR HI-Z
FROM
CARD VCC PIN
VPPOUT
LT1312
EN1
VALID
SENSE
GND
+
VIN
PDRIVE
NDRIVE
SENSE+
SENSE–
1/2 LTC1142HV
5V REG
loaded without regard to the loading on the 5V output of
the LTC1142HV.
Continuous mode operation is only invoked when the
LT1312 is programmed to 12V. If the LT1312 is pro-
grammed to 0V, 3.3V or 5V, power is obtained directly
from the main power source (battery pack) through diode
D1. Again, the LT1312 output can be loaded without
regard to the loading of the main 5V output.
R4 and C4 absorb transient voltage spikes associated with
the leakage inductance inherent in T1's secondary winding
and ensure that the auxiliary supply does not exceed 20V.
Figure 2 is a graph of output voltage versus output current
for the auxiliary 14V supply shown in Figure 1. Note that
the auxiliary supply voltage is slightly higher when the 5V
output is heavily loaded. This is due to the increased
energy flowing through the main 5V inductor.
LTC1142 Auxiliary Power from the 3.3V Output
The circuit of Figure 1 can be modified for operation with
low-battery count applications (6 cell). As the input volt-
age falls, the 5V duty cycle increases to the point where
there is simply not enough time to transfer energy from the
5V primary to the auxiliary winding. For applications
where heavy 12V load currents exist in conjunction with
low input voltages (<6.5V), the auxiliary winding can be
derived from the 3.3V section instead of the 5V section of
the LTC1142. In this case, a transformer with a turns ratio
of 1:3.4 to 1:3.6 should be used in place of the 3.3V section
AUXILIARY OUTPUT CURRENT (mA)
0.1
11
15
16
17
10
1
100
1000
LT1312 F2
14
13
12
VIN = 8V
EN0 = HI
IOUT5V = 1A
IOUT5V = 0mA
Figure 2. LTC1142 Auxiliary Supply Voltage
Figure 1. Deriving 14V Power from an Auxiliary Winding on the LTC1142HV 5V Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com