Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology LT1312 Datasheet HTML 10Page - Linear Technology LT1312 Datasheet HTML 11Page - Linear Technology LT1312 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1312
APPLICATIONS INFORMATION
VS
EN0
VPPOUT
LT1312
EN1
VALID
SENSE
GND
VIN
VSW
LT1172
FB
GND
VC
+
1
µF
LT1312 F4
100
µF
1N5158
13.75V
100
µH
10k
1%
1
2
4
5
3
1k
1%
TO CARD VPP PIN
0V, 5V, 12V OR HI-Z
+
22
µF
5V
+
1
µF
+
1k
Figure 7. Using a 0.33
µF to 1µF Output Capacitor
Figure 4. Local 5V to 15V Boost Regulator for Line Operated Applications
VS
EN0
VPPOUT
LT1312
EN1
VALID
SENSE
GND
0.33
µF
CERAMIC
LT1312 F7
0.1
µF
2
Ω
13V TO 20V
Figure 6. Recommended >1
µF Tantalum Output Capacitor
VS
EN0
VPPOUT
LT1312
EN1
VALID
SENSE
GND
+
>1
µF TANTALUM
OR ALUMINUM
LT1312 F6
0.1
µF
13V TO 20V
VS
EN0
VPPOUT
LT1312
EN1
VALID
SENSE
GND
VIN
SW1
ILIM
LT1111CS8
SENSE
GND
SW2
+
1
µF
LT1312 F5
100
µF
1N5158
13.75V
100
µH
100k
1%
4
8
3
1
2
5
10k
1%
TO CARD VPP PIN
0V, 5V, 12V OR HI-Z
100
Ω
+
22
µF
12V
+
This is easily accomplished by generating a local 14V
supply from a relatively “dirty” 5V or 12V supply as shown
in Figures 4 and 5. Precise voltage control (and further
filtering) is provided by the LT1312 driver/regulator. A
further advantage to this scheme is that it adds current
limit in series with the VPP pins to eliminate possible
damage to the card socket, the PC card, or the switching
power supply in the event of an accidental short circuit.
Output Capacitance
The LT1312 is designed to be stable with a wide range of
output capacitors. The minimum recommended value is a
1
µF with an ESR of 3Ω or less. The capacitor is connected
directly between the output pin and ground as shown in
Figure 6.
For applications where space is very limited, capacitors as
low as 0.33
µF can be used. Extremely low ESR ceramic
capacitors with values less than 1
µF must have a 2Ω
resistor added in series with the output capacitor as shown
in shown in Figure 7.
Figure 5. Local 12V to 15V Boost Regulator for Line Operated Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com