Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 3 Page - Linear Technology

  LT1312 Datasheet HTML 1Page - Linear Technology LT1312 Datasheet HTML 2Page - Linear Technology LT1312 Datasheet HTML 3Page - Linear Technology LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1312
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (mA)
0
8
10
12
160
LT1312 G7
6
4
0
40
80
120
2
16
14
20
60
100
140
TJ = 25°C
VS = 15V
SUPPLY VOLTAGE (V)
0
30
40
50
20
LT1312 G1
20
10
0
5
10
15
25
TJ = 25°C
EN0 = EN1= 0V
OR
EN0 = EN1= 5V
Quiescent Current (12V Mode)
Quiescent Current (0V or Hi-Z Mode)
JUNCTION TEMPERATURE (°C)
0
0
100
200
300
400
500
600
25
50
75
100
LT1312 G9
125
VS = 15V
VPPOUT = 0V
Current Limit
SUPPLY VOLTAGE (V)
0
1.5
2.0
2.5
20
LT1312 G6
1.0
0.5
0
5
10
15
25
TJ = 25°C
EN0 = 0V
EN1 = 5V
VSENSE = 3.3V
RL = 110Ω
IL = 30mA*
*FOR VPPOUT = 3.3V
RL = 330Ω
IL = 10mA*
Ground Pin Current (3.3V Mode)
SUPPLY VOLTAGE (V)
0
150
200
250
20
LT1312 G3
100
50
0
5
10
15
25
TJ = 25°C
EN0 = 0V
EN1 = 5V
RL =
∞
VSENSE = 5V
VSENSE = 3.3V
Quiescent Current (3.3V/5V Mode)
SUPPLY VOLTAGE (V)
0
300
400
500
20
LT1312 G2
200
100
0
5
10
15
25
TJ = 25°C
EN0 = 5V
EN1 = 0V
RL =
∞
Ground Pin Current
SUPPLY VOLTAGE (V)
0
6
8
10
20
LT1312 G4
4
2
0
5
10
15
25
TJ = 25°C
EN0 = 5V
EN1 = 0V
RL = 100Ω
IL = 120mA*
RL = 200Ω
IL = 60mA*
*FOR VPPOUT = 12V
RL = 400Ω
IL = 30mA*
Ground Pin Current (12V Mode)
Ground Pin Current (5V Mode)
SUPPLY VOLTAGE (V)
0
1.5
2.0
2.5
20
LT1312 G5
1.0
0.5
0
5
10
15
25
TJ = 25°C
EN0 = 0V
EN1 = 5V
VSENSE = 5V
RL = 167Ω
IL = 30mA*
*FOR VPPOUT = 5V
RL = 500Ω
IL = 10mA*
Current Limit
INPUT VOLTAGE (V)
0
300
400
500
15
25
LT1312 G8
200
100
0
510
20
600
700
800
TJ = 25°C
VPPOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com