Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 5 Page - Linear Technology

  LT1312 Datasheet HTML 1Page - Linear Technology LT1312 Datasheet HTML 2Page - Linear Technology LT1312 Datasheet HTML 3Page - Linear Technology LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1312
at 2.4V. The input thresholds are compatible with CMOS
controllers and can be driven from either 5V or 3.3V
CMOS logic. ESD protection diodes limit input excursions
to 0.6V below ground.
VALID Output Pin: This pin is an open-collector NPN
output which is driven low when the VPPOUT pin is in
regulation, i.e., when it is above 11V. An external 51k pull-
up resistor is connected between this output and the same
5V or 3.3V logic supply powering the PCMCIA compatible
control logic.
VCC Sense Pin: A built-in comparator and 4V reference
automatically switches the VPPOUT from 5V to 3.3V de-
pending upon the voltage sensed at the PCMCIA card
socket VCC pin. The input current for this pin is approxi-
mately 30
µA.For5Vonlyoperation,connecttheSensepin
directly to ground. An ESD protection diode limits the
input voltage to 0.6V below ground.
PIN FUNCTIONS
Supply Pin: Power is supplied to the device through the
supply pin. The supply pin should be bypassed to ground
if the device is more than 6 inches away from the main
supply capacitor. A bypass capacitor in the range of 0.1
µF
to 1
µF is sufficient. The supply voltage to the LT1312 can
be loosely regulated between 13V and 20V. See Applica-
tions Information section for more detail.
VPPOUT Pin: This regulated output supplies power to the
PCMCIA card VPP pins which are typically tied together
at the card socket. The VPPOUT output is current limited
to approximately 330mA. Thermal shutdown provides a
second level of protection. A 1
µF to 10µF tantalum output
capacitor is recommended. See Applications Informa-
tion section for more detail on output capacitor consid-
erations.
Input Enable Pins: The two digital input pins are high
impedance inputs with approximately 20
µA input current
BLOCK DIAGRAM
–
+
–
+
VPPOUT
VCC SENSE
VS
EN0
EN1
VALID
LT1312 BD
11V
LOW DROPOUT
LINEAR
REGULATOR
VOLTAGE
LOGIC CONTROL
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com