Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 4 Page - Linear Technology

  LT1312 Datasheet HTML 1Page - Linear Technology LT1312 Datasheet HTML 2Page - Linear Technology LT1312 Datasheet HTML 3Page - Linear Technology LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1312
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Sense Input Current
JUNCTION TEMPERATURE (°C)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
LT1312 G10
125
VS = 15V
12V Turn-On Waveform
Enable Input Current
Enable Input Threshold Voltage
ENABLE INPUT VOLTAGE (V)
0
0
10
20
30
40
50
1
23
4
LT1312 G11
56
TJ = 25°C
VS = 15V
VCC Sense Threshold Voltage
JUNCTION TEMPERATURE (°C)
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
25
50
75
100
LT1312 G12
125
TJ = 25°C
VS = 15V
SWITCH TO 5V
SWITCH TO 3.3V
ENABLE INPUT VOLTAGE (V)
0
0
10
20
30
40
50
1
23
4
LT1312 G13
56
TJ = 25°C
VS = 15V
VALID Output Voltage
VALID OUTPUT CURRENT (mA)
0
0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
LT1312 G14
2.5
3.0
TJ = 25°C
VS = 15V
EN0 = 5V
EN1 = 0V
Ripple Rejection (12V)
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
LT1312 G15
100
80
60
40
20
0
TJ = 25°C, 12V MODE
VS = 15V + 100mVRMS RIPPLE
COUT = 1µF TANTALUM
TIME (ms)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
11.6
12.4
LT1312 G16
5
11.8
12.0
12.2
COUT = 1µF
COUT = 10µF
VS = 15V
Load Transient Response (12V)
TIME (ms)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
50
–0.4
0.4
LT1312 G18
100
–0.2
0
0.2
COUT = 1µF
COUT = 10µF
Line Transient Response (12V)
TIME (ms)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
13
–40
40
LT1312 G17
15
–20
0
20
COUT = 1µF
COUT = 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com