Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AC Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1090AC
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AC Datasheet(HTML) 1 Page - Linear Technology

  LTC1090AC Datasheet HTML 1Page - Linear Technology LTC1090AC Datasheet HTML 2Page - Linear Technology LTC1090AC Datasheet HTML 3Page - Linear Technology LTC1090AC Datasheet HTML 4Page - Linear Technology LTC1090AC Datasheet HTML 5Page - Linear Technology LTC1090AC Datasheet HTML 6Page - Linear Technology LTC1090AC Datasheet HTML 7Page - Linear Technology LTC1090AC Datasheet HTML 8Page - Linear Technology LTC1090AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1090
1090fc
Single Chip 10-Bit Data
Acquisition System
■
Software Programmable Features:
Unipolar/Bipolar Conversions
4 Differential/8 Single Ended Inputs
MSB or LSB First Data Sequence
Variable Data Word Length
■
Built-In Sample and Hold
■
Single Supply 5V, 10V or ±5V Operation
■
Direct 4 Wire Interface to Most MPU Serial Ports and
All MPU Parallel Ports
■
30kHz Maximum Throughput Rate
■
Resolution: 10 Bits
■
Total Unadjusted Error (LTC1090A): ±1/2LSB Max
■
Conversion Time: 22µs
■
Supply Current: 2.5mA Max, 1.0mA Typ
The LTC
®1090 is a data acquisition component which
contains a serial I/O successive approximation A/D con-
verter. It uses LTCMOS
TM switched capacitor technology
to perform either 10-bit unipolar, or 9-bit plus sign bipolar
A/D conversions. The 8-channel input multiplexer can be
configured for either single ended or differential inputs (or
combinations thereof). An on-chip sample and hold is
included for all single ended input channels.
The serial I/O is designed to be compatible with industry
standard full duplex serial interfaces. It allows either
MSB or LSB first data and automatically provides 2’s
complement output coding in the bipolar mode. The
output data word can be programmed for a length of 8, 10,
12 or 16 bits. This allows easy interface to shift registers
and a variety of processors.
The LTC1090A is specified with total unadjusted error
(including the effects of offset, linearity and gain errors)
less than ±0.5LSB.
The LTC1090 is specified with offset and linearity less than
±0.5LSB but with a gain error limit of ±2LSB for
applications where gain is adjustable or less critical.
FEATURES
DESCRIPTIO
LTCMOS is a trademark of Linear Technology Corp.
, LTC and LT are registered trademarks of Linear Technology Corporation.
KEY SPECIFICATIO S
LTC1090 • TA02
OUTPUT CODE
0
512
1024
1.0
0.5
0.0
– 0.5
–1.0
Linearity Plot
TYPICAL APPLICATIO
5V
LTC1090
MPU
(e.g., 8051)
FOR 8051 CODE SEE
APPLICATIONS INFORMATION
SECTION
DIFFERENTIAL
INPUT
BIPOLAR INPUT
–5V
5V
–5V
(+)
(–)
T
LTC1090 • TA01
UNIPOLAR
INPUTS
P1.1
DOUT
P1.2
DIN
P1.3
SCLK
P1.4
CS
SERIAL DATA
LINK
– UNIPOLAR
INPUT


Similar Part No. - LTC1090AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090AC LINER-LTC1090AC Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
LTC1090ACJ LINER-LTC1090ACJ Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
LTC1090ACN LINER-LTC1090ACN Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
More results

Similar Description - LTC1090AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
Single Chip 10-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com