Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AC Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1090AC
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AC Datasheet(HTML) 3 Page - Linear Technology

  LTC1090AC Datasheet HTML 1Page - Linear Technology LTC1090AC Datasheet HTML 2Page - Linear Technology LTC1090AC Datasheet HTML 3Page - Linear Technology LTC1090AC Datasheet HTML 4Page - Linear Technology LTC1090AC Datasheet HTML 5Page - Linear Technology LTC1090AC Datasheet HTML 6Page - Linear Technology LTC1090AC Datasheet HTML 7Page - Linear Technology LTC1090AC Datasheet HTML 8Page - Linear Technology LTC1090AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1090
1090fc
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
LTC1090A
LTC1090
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
●
±0.5
±0.5
LSB
Linearity Error
(Notes 4 and 5)
●
±0.5
±0.5
LSB
Gain Error
(Note 4)
●
±1.0
±2.0
LSB
Total Unadjusted Error
VREF = 5.000V
●
±1.0
LSB
(Notes 4 and 6)
Reference Input Resistance
10
10
kΩ
Analog and REF Input Range
(Note 7)
(V–) – 0.05V to VCC 0.05V
V
On Channel Leakage Current
On Channel = 5V
●
11
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
●
–1
–1
µA
Off Channel = 5V
Off Channel Leakage Current
On Channel = 5V
●
–1
–1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
●
11
µA
Off Channel = 5V
The ● denotes specifications which
apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 3)
LTC1090/LTC1090A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tACC
Delay Time From CS↓ to DOUT Data Valid
(Note 9)
2
ACLK Cycles
tSMPL
Analog Input Sample Time
See Operating Sequence
5
SCLK Cycles
tCONV
Conversion Time
See Operating Sequence
44
ACLK Cycles
tdDO
Delay Time, SCLK
↓ to DOUT Data Valid
See Test Circuits
●
250
450
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
●
140
300
ns
ns
ten
Delay Time, 2nd CLK
↓ to DOUT Enabled
See Test Circuits
●
150
400
ns
ns
thDO
Time Output Data Remains Valid After SCLK
↓
50
ns
tf
DOUT Fall Time
See Test Circuits
●
90
300
ns
ns
tr
DOUT Rise Time
See Test Circuits
●
60
300
ns
ns
CIN
Input Capacitance
Analog Inputs
On Channel
65
pF
Off Channel
5
pF
Digital Inputs
5
pF
The ● denotes specifications which apply over the full operating
temperature range, otherwise specification are TA = 25°C. (Note 3)
AC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com