Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AC Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1090AC
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AC Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1090AC Datasheet HTML 17Page - Linear Technology LTC1090AC Datasheet HTML 18Page - Linear Technology LTC1090AC Datasheet HTML 19Page - Linear Technology LTC1090AC Datasheet HTML 20Page - Linear Technology LTC1090AC Datasheet HTML 21Page - Linear Technology LTC1090AC Datasheet HTML 22Page - Linear Technology LTC1090AC Datasheet HTML 23Page - Linear Technology LTC1090AC Datasheet HTML 24Page - Linear Technology LTC1090AC Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1090
1090fc
MUX address bit is shifted in and continues during the
remainder of the data transfer. On the falling edge of the
final SCLK, the S&H goes into hold mode and the conver-
sion begins. The voltage will be held on either the 8th,
10th, 12th or 16th falling edge of the SCLK depending on
the word length selected.
Differential Inputs
With differential inputs or when the COM pin is not tied to
ground, the A/D no longer converts just a single voltage
but rather the difference between two voltages. In these
cases, the voltage on the selected “+” input is still sampled
and held and therefore may be rapidly time varying just as
in single ended mode. However, the voltage on the se-
lected “–” input must remain constant and be free of noise
and ripple throughout the conversion time. Otherwise, the
differencing operation may not be performed accurately.
The conversion time is 44 ACLK cycles. Therefore, a
change in the “–” input voltage during this interval can
“–” input this error would be:
VERROR (MAX) = VPEAK x 2 x π x f(“–”) x 44/fACLK
Where f(“–”) is the frequency of the “–” input voltage,
VPEAK is its peak amplitude and fACLK is the frequency of
the ACLK. In most cases VERROR will not be significant. For
a 60Hz signal on the “–” input to generate a 1/4LSB error
(1.25mV) with the converter running at ACLK = 2MHz, its
peak value would have to be 150mV.
5. Reference Inputs
The voltage between the reference inputs of the LTC1090
defines the voltage span of the A/D converter. The refer-
ence inputs look primarily like a 10kΩ resistor but will
have transient capacitive switching currents due to the
switched capacitor conversion technique (see Figure 14).
During each bit test of the conversion (every 4 ACLK
cycles), a capacitive current spike will be generated on the
reference pins by the A/D. These current spikes settle
quickly and do not cause a problem. However, if slow
settling circuitry is used to drive the reference inputs, care
must be taken to insure that transients caused by these
current spikes settle completely during each bit test of the
conversion.
When driving the reference inputs, three things should be
kept in mind:
1. The source resistance (ROUT) driving the reference
inputs should be low (less than 1Ω) to prevent DC
drops caused by the 1mA maximum reference current
(IREF).
2. Transients on the reference inputs caused by the
capacitive switching currents must settle completely
during each bit test (each 4 ACLK cycles). Figures 15
and 16 show examples of both adequate and poor
settling. Using a slower ACLK will allow more time for
the reference to settle. However, even at the maximum
ACLK rate of 2MHz most references and op amps can
be made to settle within the 2µs bit time.
3. It is recommended that the REFinput be tied directly
to the analog ground plane. If REFis biased at a voltage
other than ground, the voltage must not change during
a conversion cycle. This voltage must also be free of
noise and ripple with respect to analog ground.
Figure 14. Reference Input Equivalent Circuit
Figure 15. Adequate Reference Settling
HORIZONTAL: 1µs/DIV
APPLICATIO S I FOR ATIO
LTC1090 • AI19
ROUT
REF +
REF
VREF
EVERY 4 ACLK CYCLES
10k
TYP
RON
5pF – 30pF
LTC1090
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com