Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AC Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1090AC
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AC Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1090AC Datasheet HTML 20Page - Linear Technology LTC1090AC Datasheet HTML 21Page - Linear Technology LTC1090AC Datasheet HTML 22Page - Linear Technology LTC1090AC Datasheet HTML 23Page - Linear Technology LTC1090AC Datasheet HTML 24Page - Linear Technology LTC1090AC Datasheet HTML 25Page - Linear Technology LTC1090AC Datasheet HTML 26Page - Linear Technology LTC1090AC Datasheet HTML 27Page - Linear Technology LTC1090AC Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1090
1090fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LW/TP 0902 1K REV C • PRINTED IN USA
 LINEAR TECHNOLOGY CORPORATION 1990
PART NUMBER
DESCRIPTION
COMMENTS
LTC1290
8-Channel Configurable, 5V, 12-Bit ADC
Pin-Compatible with LTC1090
LTC1391
Serial-Controlled 8-to-1 Analog Multiplexer
Low RON, Low Power, 16-Pin SO and SSOP Package
LTC1594L/LTC1598L
4-/8-Channel, 3V Micropower 12-Bit ADC
Low Power, Small Size
LTC1850/LTC1851
10-Bit/12-Bit, 8-Channel, 1.25Msps ADCs
5V, Programmable MUX and Sequencer
LTC1852/LTC1853
10-Bit/12-Bit, 8-Channel, 400ksps ADCs
3V or 5V, Programmable MUX and Sequencer
LTC2404/LTC2408
24-Bit, 4-/8-Channel, No Latency ∆Σ
TM ADC
4ppm INL, 10ppm Total Unadjusted Error, 200µA
LTC2424/LTC2428
20-Bit, 4-/8-Channel, No Latency ∆Σ ADC
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
RELATED PARTS
No Latency ∆Σ is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com