Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1090AC
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1090AC Datasheet HTML 3Page - Linear Technology LTC1090AC Datasheet HTML 4Page - Linear Technology LTC1090AC Datasheet HTML 5Page - Linear Technology LTC1090AC Datasheet HTML 6Page - Linear Technology LTC1090AC Datasheet HTML 7Page - Linear Technology LTC1090AC Datasheet HTML 8Page - Linear Technology LTC1090AC Datasheet HTML 9Page - Linear Technology LTC1090AC Datasheet HTML 10Page - Linear Technology LTC1090AC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1090
1090fc
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Reference Current vs Temperature
Unadjusted Offset Error vs
Reference Voltage
Linearity Error vs Reference
Voltage
Change in Gain Error vs
Reference Voltage
Offset Error vs Supply Voltage
Linearity Error vs Supply Voltage
Change in Gain Error vs Supply
Voltage
SUPPLY VOLTAGE, VCC (V)
4
0
0.25
0.5
0.75
1.0
1.25
5
67
8
LTC1090 • TPC07
910
VREF = 4V
ACLK = 2MHz
VOS = 1.25mV AT VCC = 5V
SUPPLY VOLTAGE, VCC (V)
4
0
0.25
0.5
0.75
1.0
1.25
5
67
8
LTC1090 • TPC08
910
VREF = 4V
ACLK = 2MHz
SUPPLY VOLTAGE, VCC (V)
4
– 0.5
– 0.25
0
0.25
0.5
5
67
8
LTC1090 • TPC09
910
VREF = 4V
ACLK = 2MHz
SUPPLY VOLTAGE, VCC (V)
4
0
1
2
3
4
6
5
67
8
LTC1090 • TPC01
910
5
REF +OPEN
ACLK = 2MHz
CS = VCC
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
1.0
1.2
1.4
25
75
LTC1090 • TPC02
0.8
0.6
–25
0
50
100
125
0.4
0.2
REF +OPEN
ACLK = 2MHz
CS = 5V
VCC = 5V
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC03
0.3
0.2
–25
0
50
100
125
0.1
0
VREF = 5V
REFERENCE VOLTAGE, VREF (V)
0.2
0
2
4
6
8
1.0
5.0
LTC1090 • TPC04
10
1
3
5
7
9
VOS = 0.5mV
VOS = 1mV
VCC = 5V
REFERENCE VOLTAGE, VREF (V)
0
0.75
1.0
1.25
4
LTC1090 • TPC05
0.5
0.25
0
1
2
3
5
VCC = 5V
REFERENCE VOLTAGE, VREF (V)
0
0.75
1.0
1.25
4
LTC1090 • TPC06
0.5
0.25
0
1
2
3
5
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com