Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AC Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1090AC
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AC Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1090AC Datasheet HTML 13Page - Linear Technology LTC1090AC Datasheet HTML 14Page - Linear Technology LTC1090AC Datasheet HTML 15Page - Linear Technology LTC1090AC Datasheet HTML 16Page - Linear Technology LTC1090AC Datasheet HTML 17Page - Linear Technology LTC1090AC Datasheet HTML 18Page - Linear Technology LTC1090AC Datasheet HTML 19Page - Linear Technology LTC1090AC Datasheet HTML 20Page - Linear Technology LTC1090AC Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1090
1090fc
Parallel Port Microprocessors
When interfacing the LTC1090 to an MPU which has a
parallel port, the serial signals are created on the port with
software. Three MPU port lines are programmed to create
the CS, SCLK and DIN signals for the LTC1090. A fourth
port line reads the DOUT line. An example is made of the
Intel 8051/8052/80C252 family.
Intel 8051
To interface to the 8051, the LTC1090 is programmed for
MSB first format and 10-bit word length. The 8051 gener-
ates CS, SCLK and DIN on three port lines and reads DOUT
on the fourth.
Hardware and Software Interface to Intel 8051 Processor
8051 Code
MNEMONIC
DESCRIPTION
MOV PI,#02H
Initialize port 1 (bit 1 is made
an input)
CLR P1.3
SCLK goes low
SETB P1.4
CS goes high
CONTINUE: MOV A,#0DH
DIN word for the LTC1090 is
placed in ACC.
CLR P1.4
CS goes low
MOV R4,#08
Load counter
NOP
Delay for deglitcher
LOOP:
MOV C, P1.1
Read data bit into carry
RLC A
Rotate data bit into ACC
MOV P1.2, C
Output DIN bit to LTC1090
SETB P1.3
SCLK goes high
CLR P1.3
SCLK goes low
DJNZ R4, LOOP
Next bit
MOV R2, A
Store MSBs in R2
MOV C, P1.1
Read data bit into carry
CLR A
CIear ACC
RLC A
Rotate data bit into ACC
SETB P1.3
SCLK goes high
CLR P1.3
SCLK goes low
MOV C, P1.1
Read data bit into carry
RRC A
Rotate right into ACC
RRC A
Rotate right into ACC
MOV R3, A
Store LSBs in R3
SETB P1.3
SCLK goes high
CLR P1.3
SCLK goes low
SETB P1.4
CS goes high
MOV R5,#07H
Load counter
DELAY:
DJNZ R5, DELAY
Delay for LTC1090 to perform
conversion
AJMP CONTINUE
Repeat program
APPLICATIO S I FOR ATIO
Figure 5. Several LTC1090’s Sharing One 3-Wire Serial Interface
LTC1090
ANALOG
INPUTS
DOUT
DOUT from LTC1090 stored in 8051 RAM
DIN
SCLK
ACLK
CS
P1.1
P1.2
P1.3
ALE
P1.4
8051
B9
R2
R3
*B9 is MSB in unipolar or sign bit in bipolar
MSB*
LSB
B8 B7 B6 B5 B4 B3 B2
B1 B0
000000
LTC1090 • AI14
LTC1090
3
3
21 0
CS
8 CHANNELS
OUTPUT PORT
SERIAL DATA
3-WIRE SERIAL
INTERFACE TO OTHER
PERIPHERALS OR LTC1090s
MPU
LTC1090
3
CS
8 CHANNELS
LTC1090
3
CS
8 CHANNELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com