Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AI Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology LTC1346AI Datasheet HTML 10Page - Linear Technology LTC1346AI Datasheet HTML 11Page - Linear Technology LTC1346AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1346A
APPLICATIONS INFORMATION
Theory of Operation
The transmitter outputs consist of complementary
switched-current sources as shown in Figure 7.
With a logic zero at the transmitter input, the inverting
output Z sources 11mA and the noninverting output Y
sinks 11mA. The differential transmitter output voltage is
then set by the termination resistors. With two differential
50
Ω resistors at each end of the cable, the voltage is set to
(50
Ω)(11mA) = 0.55V. With a logic 1 at the transmitter
input, output Z sinks 11mA and Y sources 11mA. The
common mode voltage of Y and Z is 0V when both current
sources are matched and there is no ground potential
difference between the cable terminations. The transmitter
current sources have a common mode range of
±2V,which
allows for a ground difference between cable terminations
of
±4V.
Each receiver input has a 30k resistance to ground and
requires external termination to meet the V.35 input imped-
ance specification. The receivers have an input hysteresis
of 50mV to improve noise immunity.
Three Select pins, S0, S1 and S2, configure the chip as
described in Function Tables. When the transmitters and
Figure 7. Simplified Transmitter Schematic
11mA
11mA
LTC1346A • F07
Y
Z
T
50
Ω
125
Ω
50
Ω
VCC
VEE
CHIP
BOUNDARY
receivers are OFF, all outputs are forced into high imped-
ance. The S0 pin can be used as receiver output enable.
In shutdown mode, ICC drops to 1µA with all transmitters
and receivers OFF. When the LTC1346A is enabled from
shutdown the transmitters and receivers require 2
µs to
stabilize.
Complete V.35 Port
Figure 8 shows the schematic of a complete surface
mounted,
±5V DTE and DCE V.35 port using only three ICs
and six capacitors per port. The LTC1346A is used to
transmit the clock and data signals and the LT1134A to
transmit the control signals. If test signals 140, 141 and
142 are not used, the transmitter inputs should be tied
to VCC.
RS422/RS485 Applications
The receivers on the LTC1346A can be used for RS422
and RS485 applications. Using the test circuit in Figure 9,
the LTC1346A receivers are able to successfully extract
the data stream from the common mode voltage, meeting
RS422 and RS485 requirements as shown in Figures 10
and 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com