Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AI Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology LTC1346AI Datasheet HTML 10Page - Linear Technology LTC1346AI Datasheet HTML 11Page - Linear Technology LTC1346AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1346A
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 0296 10K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
PACKAGE DESCRIPTION
S24 (WIDE) 0695
NOTE 1
0.598 – 0.614*
(15.190 – 15.600)
22
21
20
19
18
17
16
15
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
13
14
11
12
23
24
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
SW Package
24-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1134A
5V Only, 4-Driver/4-Receiver RS232 Transceiver
Forms Complete V.35 Interface with LTC1346A
LTC1334
5V Only, Configurable RS232/RS485 Transceiver
Includes On-Chip Charge Pump
LTC1345
Single Supply V.35 Transceiver
Single 5V Only, Includes On-Chip Charge Pump
Dimensions in inches (millimeters) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com