Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AI Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 4 Page - Linear Technology

  LTC1346AI Datasheet HTML 1Page - Linear Technology LTC1346AI Datasheet HTML 2Page - Linear Technology LTC1346AI Datasheet HTML 3Page - Linear Technology LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1346A
TYPICAL PERFORMANCE CHARACTERISTICS
B1 (Pin 13): Receiver 1 Inverting Input
A1 (Pin 14): Receiver 1 Noninverting Input
B2 (Pin 15): Receiver 2 Inverting Input
A2 (Pin 16): Receiver 2 Noninverting Input
B3 (Pin 17): Receiver 3 Inverting Input
A3 (Pin 18): Receiver 3 Noninverting Input
Z3 (Pin 19): Transmitter 3 Inverting Output
Y3 (Pin 20): Transmitter 3 Noninverting Output
Z2 (Pin 21): Transmitter 2 Inverting Output
Y2 (Pin 22): Transmitter 2 Noninverting Output
Z1 (Pin 23): Transmitter 1 Inverting Output
Y1 (Pin 24): Transmitter 1 Noninverting Output
VEE (Pin 1): Negative Supply, – 4.75V ≥ VEE ≥ – 5.25V
VCC (Pin 2): Positive Supply, 4.75V ≤ VCC ≤ 5.25V
GND (Pin 3): Ground
T1 (Pin 4): Transmitter 1 Input, TTL Compatible
T2 (Pin 5): Transmitter 2 Input, TTL Compatible
T3 (Pin 6): Transmitter 3 Input, TTL Compatible
S1 (Pin 7): Select Input 1, TTL Compatible
S2 (Pin 8): Select Input 2, TTL Compatible
R3 (Pin 9): Receiver 3 Output, TTL Compatible
R2 (Pin 10): Receiver 2 Output, TTL Compatible
R1 (Pin 11): Receiver 1 Output, TTL Compatible
S0 (Pin 12): Select Input 0, TTL Compatible
PIN FUNCTIONS
INPUT
0.2V/DIV
INPUT
5V/DIV
OUTPUT
0.2V/DIV
1346A G07
1346A G08
1346A G09
INPUT A–B
1V/DIV
Receiver Enable from Shutdown
INPUT S0
5V/DIV
OUTPUT
5V/DIV
OUTPUT
5V/DIV
Receiver Output Waveforms
Transmitter Output Waveforms
TEMPERATURE (˚C)
–50
25
1346A G06
–35
–40
–25
0
50
–45
–25
–30
–6.0
–6.5
–7.0
–5.0
–5.5
75
100
125
LOADED
NO LOAD
VCC = 5V
VEE = –5V
IEE Supply Current vs Temperature
TEMPERATURE (˚C)
–50
25
1346A G05
35
30
–25
0
50
25
45
40
6.5
6.0
5.5
7.5
7.0
75
100
125
LOADED
NO LOAD
VCC = 5V
VEE = –5V
TEMPERATURE (˚C)
–50
25
1346A G04
10
5
–25
0
50
0
20
15
75
100
125
VCC = 5V
VEE = –5V
Receiver tPLH – tPHL
vs Temperature
ICC Supply Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com