Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AI Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology LTC1346AI Datasheet HTML 10Page - Linear Technology LTC1346AI Datasheet HTML 11Page - Linear Technology LTC1346AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1346A
APPLICATIONS INFORMATION
LTC485
7V TO – 7V
GND POTENTIAL DIFFERENCE
VCC1
5V
100
Ω
100
Ω
AA
B
B
GND
LTC1346A • F09
LTC1346A
VCC2
5V
GND
TTL
IN
TTL
OUT
VEE
–5V
–+
Figure 9. RS422/RS485 Receiver Interface
LTC1346 • F10
RECEIVER
OUTPUT
5V/DIV
A
B
–10V
–5V
0V
0V
5V
RECEIVER
INPUT
5V/DIV
RECEIVER
OUTPUT
5V/DIV
15V
5V
0V
LTC1346 • F11
10V
5V
0V
A
B
RECEIVER
INPUT
5V/DIV
Figure 10. – 7V Common Mode
Figure 11. 12V Common Mode
Multiprotocol Application
The LTC1346A can be used in multiprotocol applications
where V.35, RS232 and RS422 (used in RS530, RS449
among others) signals may appear at the same port. The
LTC1346A switched current source driver is not compat-
ible with RS232 or RS422. However, the outputs when
disabled can share lines with RS232 drivers with a shut-
down feature such as the LT1030 and RS422 drivers with
a disable feature such as the LTC486/LTC487 (Figure 12a).
The LTC1346A driver will not be damaged or load the
shared lines when disabled. The LTC1346A receiver can
receive V.35, RS232 and RS422 signals as shown in Figure
12b. The LTC1346A receiver is directly compatible with
V.35 and RS422. For RS232 signal, the noninverting input
of the receiver should be grounded. Because the line
termination for each of the protocols is different, some
form of termination switching should be included, either
the connector (as shown in Figures 12a and 12b) or on the
PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com