Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AI Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1346AI Datasheet HTML 2Page - Linear Technology LTC1346AI Datasheet HTML 3Page - Linear Technology LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology LTC1346AI Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1346A
SWITCHI G TI E WAVEFOR S
Figure 5. Receiver Enable and Disable Times
1.5V
3V
0V
S0
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
R
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1346A • F05
1.5V
1.5V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
R
1.5V
3V
0V
T
Y – Z
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
–VO
VO
tSKEW
1/2 VO
LTC1346A • F03
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(Y) – V(Z)
Z
Y
Figure 4. V.35 Receiver Propagation Delays
V OD/2
A – B
R
VOL
VOH
LTC1346A • F04
tPLH
tPHL
–VOD/2
1.5V
1.5V
0V
0V
INPUT
OUTPUT
f = 1MHz: tr ≤ 10ns: t f ≤ 10ns
Figure 3. V.35 Transmitter Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com