Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AI Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1346AI Datasheet HTML 3Page - Linear Technology LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology LTC1346AI Datasheet HTML 10Page - Linear Technology LTC1346AI Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1346A
APPLICATIONS INFORMATION
Review of CCITT Recommendation V.35
Electrical Specifications
V.35 is a CCITT recommendation for synchronous data
transmission via modems. Appendix 2 of the recommen-
dation describes the electrical specifications which are
summarized below:
1. The interface cable is a balanced twisted pair with 80
Ω
to 120
Ω impedance.
2. The transmitter’s source impedance is between 50
Ω
and 150
Ω.
3. The transmitter’s resistance between shorted termi-
nals and ground is 150
Ω ±15Ω.
4. When terminated by a 100
Ω resistive load, the termi-
nal-to-terminal voltage should be 0.55V
±20%.
5. The transmitter’s rise time should be less than 1% of
the signal pulse or 40ns, whichever is greater.
6. The common mode voltage at the transmitter output
should not exceed 0.6V.
7. The receiver impedance is 100
Ω ±10Ω.
8. The receiver impedance to ground is 150
Ω ±15Ω.
9. The transmitter or receiver should not be damaged
by connection to earth ground, short-circuiting or
cross connection to other lines.
10. No data errors should occur with
±2V common
mode change at either the transmitter/receiver or
±4V ground potential difference between transmit-
ter and receiver.
Cable Termination
Each end of the cable connected to an LTC1346A must be
terminated by an external Y- or
∆-resistor network for
proper operation. The Y-termination has two series con-
nected 50
Ω resistors and a 125Ω resistor connected
between ground and the center tap of the two 50
Ωresistors
as shown in Figure 6.
The alternative
∆-termination has a 120Ω resistor across
the twisted wires and two 300
Ω resistors between each
wire and ground. Standard 1/8W, 5% surface mount
resistors can be used for the termination network. To
maintain the proper differential output swing, the resistor
tolerance must be 5% or better. A termination network
that combines all the resistors into an SO-14 package is
available from:
BI Technologies (Formerly Beckman Industrial)
Resistor Networks
4200 Bonita Place
Fullerton, CA 92635
Phone: (714) 447-2357
FAX: (714) 447-2500
Part #: BI Technologies 627T500/1250 (SOIC)
899TR50/125 (DIP)
Figure 6. Y- and
∆-Termination Networks
50
Ω
50
Ω
125
Ω
Y
LTC1346A • F06
300
Ω
300
Ω
120
Ω
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com