Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1406IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1406IGN
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1406IGN Datasheet HTML 4Page - Linear Technology LTC1406IGN Datasheet HTML 5Page - Linear Technology LTC1406IGN Datasheet HTML 6Page - Linear Technology LTC1406IGN Datasheet HTML 7Page - Linear Technology LTC1406IGN Datasheet HTML 8Page - Linear Technology LTC1406IGN Datasheet HTML 9Page - Linear Technology LTC1406IGN Datasheet HTML 10Page - Linear Technology LTC1406IGN Datasheet HTML 11Page - Linear Technology LTC1406IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1406
where ENOB is the effective number of bits and S/(N + D)
is expressed in dB. At the maximum sampling rate of 20MHz
the LTC1406 maintains near ideal ENOBs up to and be-
yond the Nyquist input frequency of 10MHz (see Figure 3).
APPLICATIONS INFORMATION
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1406 F02a
0123
4
5
67
8
9
10
fSAMPLE = 20MHz
fIN1 = 1.000977MHz
SFDR = 64.8dB
SINAD = 48.6dB
Figure 2a. Nonaveraged, 4096 Point FFT
Input Frequency = 1MHz
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band limited
to frequencies above DC to below half the sampling fre-
quency. The effective number of bits (ENOBs) is a mea-
surement of the resolution of an ADC and is directly related
to the S/(N + D) by the equation:
ENOB = [S/(N + D) – 1.76]/6.02
Figure 2b. Nonaveraged, 4096 Point FFT
Input Frequency = 30MHz
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum of all
harmonics of the input signal to the fundamental itself. The
out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency. THD is
expressed as:
THD
VV
=
+++
20
3
2
4
2
log
V
. . .V
V
2
2
n
2
1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the sec-
ond through nth harmonics. THD vs Input Frequency is
shown in Figure 4. The LTC1406 has good distortion per-
formance up to the Nyquist frequency and beyond.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different fre-
quency (see Figure 5).
INPUT FREQUENCY (Hz)
2
4
6
100k
1M
10M
100M
1406 TA02
0
3
5
7
1
850
44
38
32
Figure 3. Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1406 F02b
0123
4
5
67
8
9
10
fSAMPLE = 20MHz
fIN1 = 28.99902MHz
SFDR = 54.9dB
SINAD = 47.0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com