Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1406IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1406IGN
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1406IGN Datasheet HTML 8Page - Linear Technology LTC1406IGN Datasheet HTML 9Page - Linear Technology LTC1406IGN Datasheet HTML 10Page - Linear Technology LTC1406IGN Datasheet HTML 11Page - Linear Technology LTC1406IGN Datasheet HTML 12Page - Linear Technology LTC1406IGN Datasheet HTML 13Page - Linear Technology LTC1406IGN Datasheet HTML 14Page - Linear Technology LTC1406IGN Datasheet HTML 15Page - Linear Technology LTC1406IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1406
© LINEAR TECHNOLOGY CORPORATION 1998
1406f LT/TP 0299 4K • PRINTED IN USA
TYPICAL APPLICATION
Low Power, 20MHz, 8-Bit Sampling ADC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OGND
OVDD
SHDN
VBIAS
VREF
AGND
AIN
+
AIN
–
AVDD
AGND
DGND
DVDD
CLK
OF/UF
D7
D6
D5
D4
D3
D2
D1
D0
NC
NC
LTC1406
10
µF
NC
CLOCK INPUT
OVERFLOW/UNDERFLOW OUTPUT
NC
1406 TA03
10
µF
8-BIT
PARALLEL
BUS
10
µF
2.5V
REFERENCE
ANALOG
INPUTS
5V
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1196/LTC1198
Single Supply, 8-Bit, 1Msps/750ksps ADCs
Single 3V or 5V Supply, Low Power, Serial Interface, SO-8 Package
LTC1197/LTC1199
Single Supply, 10-Bit, 500ksps/450ksps ADCs
Single 3V or 5V Supply, Low Power, Serial Interface, SO-8 Package
LTC1410
12-Bit, 1.25Msps Sampling ADC with Shutdown
Best Dynamic Performance, THD = 84dB and SINAD = 71dB at Nyquist
LTC1415
Single 5V, 12-Bit, 1.25Msps ADC
Single Supply 55mW Dissipation
LTC1419
14-Bit, 800ksps Sampling ADC with Shutdown
81.5dB SINAD, 150mW from
±5V Supplies
LTC1604
16-Bit, 333ksps ADC
90dB SINAD, 100dB THD, 250mW Dissipation
LTC1605
Single 5V, 16-Bit, 100ksps ADC
Low Power,
±10V Inputs
DACs
LTC1446/LTC1446L
Dual 12-Bit VOUT DACs in SO-8 Package
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1448
Dual 12-Bit Rail-to-Rail Output DAC in SO-8 Package
VCC = 2.7V to 5.5V, Output Swings from GND to REF, REF Input Can Be
Tied to VCC
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs
LTC1458: VCC = 4.5V to 5.5V, VOUT 0V to 4.095V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com